データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WRPP-KMJ-R2

  • AI
    The **WRPP-KMJ-R2** is a specific part number typically associated with high-precision **Thin Film Platinum Resistance Temperature Detectors (RTDs)**, often manufactured by companies like TE Connectivity or similar industrial sensor brands. Below is an explanation of its electronic components, specifications, and typical application. --- ### 1. Component Identification The part number follows a standard nomenclature for RTD sensors. | Segment | Meaning | Description | | :--- | :--- | :--- | | **WRPP** | Series | Platinum Resistance Temperature Sensor (Thin Film) | | **KMJ** | Tolerance Class | Typically refers to Class A or Class B accuracy (DIN EN 60751) | | **R2** | Lead Style/Size | Indicates the physical dimensions and lead wire configuration | ### 2. Core Electronic Specifications These sensors operate on the principle that the electrical resistance of platinum increases predictably as temperature rises. * **Base Resistance:** 100 Ohms at 0°C (Standard Pt100). * **Temperature Coefficient ($\alpha$):** 0.00385 $\Omega$/$\Omega$/°C (European Standard). * **Operating Range:** Generally -50°C to +500°C (depending on the specific encapsulation). * **Response Time:** Extremely fast due to the thin-film deposition on a ceramic substrate. --- ### 3. Physical Construction The "electronic part" consists of several layers integrated into a micro-scale package: 1. **Ceramic Substrate:** A high-purity alumina base that provides mechanical strength and insulation. 2. **Platinum Layer:** A thin film of platinum sputtered onto the ceramic, laser-trimmed to reach exactly 100.00 $\Omega$. 3. **Glass Cover:** A protective layer of glass coating to prevent oxidation of the platinum and provide chemical resistance. 4. **Lead Wires:** Typically gold-coated nickel or silver wires welded to the platinum pads for external circuit connection. --- ### 4. Typical Application Circuit Because the WRPP-KMJ-R2 is a passive resistive component, it requires an excitation current to produce a voltage output. ```c // Example pseudo-code for calculating temperature with Pt100 float calculate_temp(float measured_resistance) { float R0 = 100.0; // Resistance at 0°C float alpha = 0.00385; return (measured_resistance - R0) / (R0 * alpha); } ``` **Common usage scenarios:** * **HVAC Systems:** Precise air temperature monitoring. * **Industrial Automation:** Overheat protection for motors. * **Medical Equipment:** Monitoring sterilized environments. ---
    ✨ Follow-up Questions
    • ⤷ How do I wire a WRPP-KMJ-R2 to an Arduino or microcontroller?
    • ⤷ What is the difference between Class A and Class B accuracy for this sensor?
    • ⤷ Can this sensor be used in liquid environments without additional protection?