データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WS-RNW1S

  • AI
    The **WS-RNW1S** is a smart scene switch (frequently associated with brands like Moes or Tuya) designed to trigger automation in a smart home environment. Unlike a traditional light switch, this device acts as a remote controller. Below is a breakdown of its electronic components and specifications. --- ### 1. Key Electronic Components | Component | Description | | :--- | :--- | | **Microcontroller (MCU)** | A low-power SoC (System on Chip) that handles the logic and wireless communication. | | **ZigBee/RF Module** | Most WS-RNW1S models utilize a **ZigBee 3.0** radio module for low-power, mesh-network connectivity. | | **Tactile Buttons** | High-durability micro-switches under the housing to detect single, double, and long-press actions. | | **Status LED** | A small SMD LED (usually blue or green) that indicates pairing mode and successful command transmission. | | **Battery Terminal** | Gold-plated contacts designed for a **CR2032** coin-cell battery. | --- ### 2. Technical Specifications | Feature | Specification | | :--- | :--- | | **Power Supply** | CR2032 3V DC Battery | | **Communication Protocol** | ZigBee 3.0 (IEEE 802.15.4) | | **Standby Current** | < 10uA (Ultra-low power consumption) | | **Battery Life** | 12 - 24 months (depending on usage) | | **Transmission Range** | ~10-30 meters (indoor, environment dependent) | | **Operating Temperature** | -10°C to 50°C | --- ### 3. Functional Logic The electronic circuit is designed to remain in a "Deep Sleep" state to preserve battery life. The logic follows this flow: 1. **Interrupt Trigger:** Pressing a button wakes the MCU. 2. **Packet Assembly:** The MCU creates a ZigBee data packet containing the button ID and the action type (1=Single, 2=Double, 3=Hold). 3. **RF Transmission:** The radio module sends the signal to the ZigBee Gateway. 4. **Confirmation:** The LED flashes briefly once the gateway acknowledges the signal. 5. **Sleep:** The device immediately returns to low-power mode. --- ### 4. Circuit Maintenance * **Voltage Drops:** If the battery voltage drops below ~2.6V, the ZigBee module may fail to connect even if the LED still flashes. * **Pairing:** A "Reset" electronic signal is usually triggered by holding the main button for 5-10 seconds, clearing the EEPROM storage of the previous gateway's ID.
    ✨ Follow-up Questions
    • ⤷Does the WS-RNW1S require a specific ZigBee gateway?
    • ⤷ How do I replace the CR2032 battery in this device?
    • ⤷ Can this switch be used to dim lights or only toggle them?