データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WS-RNW2L

  • AI
    The **WS-RNW2L** is a specific model of a wireless networked wall-switch controller, typically used in building automation and lighting control systems. It is designed to act as a user interface for dimming and scene control within a networked ecosystem. ### 1. Core Electronic Components The device consists of several internal modules that allow it to function as a low-voltage control unit. | Component | Function | | :--- | :--- | | **Microcontroller (MCU)** | The "brain" that processes button presses and manages the communication protocol. | | **Radio Frequency (RF) Module** | Typically operates on a 2.4 GHz frequency (Zigbee or proprietary) to communicate with the lighting gateway. | | **Power Regulation** | Converts the input voltage (usually 24VDC or battery) to the 3.3V/5V required for the MCU. | | **Capacitive/Tactile Sensors** | Electronic triggers behind the buttons that detect user input. | | **LED Indicators** | Low-power SMD LEDs used for status feedback and night-light functionality. | --- ### 2. Technical Specifications The electronic architecture is designed for low power consumption and high reliability in commercial environments. * **Operating Voltage:** Typically 24VDC (via a class 2 power supply) or via specific bus power. * **Communication Protocol:** Wireless mesh networking (often optimized for low latency). * **User Interface:** Multiple buttons (usually 2-8 depending on configuration) with programmable logic. * **Addressing:** Digital addressing allows each switch to be uniquely identified by the central controller. --- ### 3. Wiring and Integration Unlike a standard high-voltage light switch, the WS-RNW2L is a **low-voltage device**. 1. **Input Side:** It does not directly break the 120V/277V circuit. It sends a low-power signal to a relay or a dimming pack. 2. **Configuration:** The internal electronics allow for "Over-the-Air" (OTA) firmware updates to change how buttons behave (e.g., toggling a group vs. setting a specific scene). 3. **Topology:** It functions as a node within a star or mesh topology, ensuring that if one switch fails, the rest of the network remains functional.
    ✨ Follow-up Questions
    • ⤷What is the typical wireless range for the WS-RNW2L in an office environment?
    • ⤷ Can this switch be integrated with 3rd-party Zigbee hubs?
    • ⤷ What are the power requirements for the WS-RNW2L?