データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WSBS-14A-R

  • AI
    The **WSBS-14A-R** is a specific electronic component known as a **Low Resistance Power Shunt Resistor**. It is primarily designed for high-current sensing applications in automotive and industrial environments. --- ## 1. Core Technical Specifications The WSBS-14A-R is part of the Vishay Dale WSBS series, which utilizes a specialized solid metal construction. | Feature | Specification | | :--- | :--- | | **Component Type** | Shunt Resistor (Current Sense) | | **Resistance Value** | 100 µΩ (0.0001 Ω) to 1000 µΩ (Typical ranges) | | **Power Rating** | Up to 36 Watts | | **Tolerance** | ±5% (Standard) | | **Material** | Manganese-copper alloy (Manganin) | | **Operating Temp** | -65°C to +170°C | --- ## 2. Structural Design Unlike standard surface-mount resistors, the WSBS-14A-R is built for durability and heat dissipation: ### Physical Layout * **Solid Metal Strip:** The resistive element is a solid piece of alloy, ensuring high reliability under thermal stress. * **Welded Terminals:** The leads are welded to the resistive element to minimize internal resistance and EMF (Electromotive Force) interference. * **Bolt-on Connection:** It typically features circular cutouts for bolting directly to battery terminals or busbars. ### Key Electronic Properties 1. **Very Low Inductance:** Essential for accurate current measurement in fast-switching circuits (under 5 nH). 2. **Low Thermal EMF:** Minimizes voltage measurement errors caused by temperature gradients between different metals (less than 3 µV/°C). 3. **High Stability:** Maintains its resistance value even after prolonged exposure to high currents and vibrations. --- ## 3. Common Applications The WSBS-14A-R is used wherever high-amperage current monitoring is required: * **Automotive Battery Management (BMS):** Monitoring state-of-charge (SoC) and state-of-health (SoH) in electric and hybrid vehicles. * **Solar Inverters:** Tracking the output of large-scale solar arrays. * **Power Distribution Units (PDUs):** Measuring current flow in data center power racks. * **Industrial Forklifts:** Monitoring battery discharge during heavy lifting operations. --- ## 4. Typical Circuit Integration In a circuit, the WSBS-14A-R acts as a "Kelvin" connection point. The main current flows through the large terminals, while a precision amplifier measures the tiny voltage drop across the resistor to calculate current ($I = V/R$). ```python # Simple Python snippet to calculate Current from Shunt Voltage Drop shunt_resistance = 0.0001 # 100 micro-ohms voltage_measured = 0.005 # 5 millivolts measured by ADC current = voltage_measured / shunt_resistance print(f"Current flowing: {current} Amperes") # Output: 50.0 Amperes ```
    ✨ Follow-up Questions
    • ⤷What is the maximum current rating for the WSBS-14A-R?
    • ⤷ How does 'Thermal EMF' affect the accuracy of this shunt?
    • ⤷ What are the alternatives to using a shunt for current sensing?