データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WSBS-161B-R

  • AI
    The **WSBS-161B-R** is a precision **Shunt Resistor** (specifically a Battery Management Shunt) manufactured by Vishay Dale. It is designed for high-current applications where extreme accuracy and stability are required, such as electric vehicle (EV) battery monitoring and industrial power systems. --- ## 1. Technical Specifications The WSBS-161B-R belongs to the Power Metal Strip® series. Below are its primary electrical and mechanical characteristics: | Property | Value / Description | | :--- | :--- | | **Resistance Range** | Typically $100\ \mu\Omega$ (micro-ohms) | | **Tolerance** | $\pm 5\%$ (standard) | | **Power Rating** | Up to $36\ \text{W}$ (depending on resistance value) | | **Current Handling** | Up to $600\ \text{A}$ continuous | | **Material** | Proprietary Manganin or Nickel-Chrome alloy | | **TCR** (Temp. Coeff.) | Low, typically $<\pm 20\ \text{ppm}/^\circ\text{C}$ | | **Inductance** | Very Low ($< 5\ \text{nH}$) | | **Operating Temp.** | $-65\ ^\circ\text{C}$ to $+170\ ^\circ\text{C}$ | --- ## 2. Key Electronic Components & Design The "electronic" functionality of this part is derived from its physical construction rather than active circuitry: ### A. Power Metal Strip® Technology Unlike standard thick-film resistors, the WSBS-161B-R uses a **solid metal alloy** resistive element. This allows the device to handle massive current surges without burning out and ensures that resistance remains stable across a wide range of temperatures. ### B. Electron-Beam Welded Construction The resistive element is electron-beam welded to heavy copper terminals. This process: * Reduces contact resistance. * Improves thermal dissipation (heat flows out through the copper bus bars). * Ensures structural integrity under high vibration. ### C. Low Thermal EMF In high-precision sensing, heat generated by the component can create a "false" voltage (Seebeck effect). This part is designed with a **Low Thermal EMF** ($< 3\ \mu\text{V}/^\circ\text{C}$), ensuring that the voltage measured across the shunt is purely proportional to the current flow. --- ## 3. Typical Application Circuit In an electronic system, the WSBS-161B-R acts as the primary sensor for a **Battery Management System (BMS)**. ```text [ Battery + ] ----> [ Load/Motor ] ----> [ WSBS-161B-R ] ----> [ Battery - ] | | |----|----[ ADC / Microcontroller ] (Sense Leads) ``` 1. **Current Sensing:** As current flows through the shunt, a tiny voltage drop ($V = I \times R$) occurs. 2. **Voltage Measurement:** Because $R$ is known ($100\ \mu\Omega$), a microcontroller measures the voltage and calculates the exact amperage. 3. **State of Charge (SoC):** The electronics use this data to calculate how much energy is left in the battery. --- ## 4. Usage Considerations * **Heat Sinking:** While rated for high power, the device must be bolted to a bus bar or large heat sink to maintain its rated current capacity. * **Calibration:** Due to the 5% tolerance, the associated electronic control unit (ECU) usually requires a one-time calibration to map the exact resistance for higher precision. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the WSBS-161B-R and a standard surface mount shunt resistor?
    • ⤷ How does temperature affect the accuracy of this shunt in an EV application?
    • ⤷ What are the recommended mounting techniques for these heavy-duty terminals?