データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WSBS-2AB-R/Q

  • AI
    The **WSBS-2AB-R/Q** refers to a specific series of high-power, shunt-based current sense resistors manufactured by **Vishay Dale**. These components are specifically designed for battery management systems (BMS) and high-current automotive or industrial applications. --- ## 1. Technical Specifications Below are the primary electrical and physical characteristics of the WSBS series: | Property | Description | | :--- | :--- | | **Component Type** | Shunt Resistor (Current Sense) | | **Technology** | Power Metal Strip® | | **Resistance Range** | Typically 50 $\mu\Omega$ to 1000 $\mu\Omega$ (micro-Ohms) | | **Power Rating** | Up to 36 W (depending on resistance value) | | **Tolerance** | $\pm$ 1.0% or $\pm$ 5.0% | | **Temperature Coefficient** | Low TCR (typically < 20 ppm/°C for the element) | | **Construction** | All-welded construction with M4 or M5 bolt holes | --- ## 2. Key Features * **Massive Current Capacity:** Capable of handling hundreds of Amperes continuously due to the solid metal manganese-copper alloy resistive element. * **Low Inductance:** The design minimizes inductive effects (< 5 nH), which is critical for accurate readings in switching power environments. * **Thermal Stability:** It exhibits very low Thermal EMF (Electromotive Force), ensuring that temperature gradients across the resistor do not cause false voltage readings. * **Robustness:** The "AB" designation usually refers to the bolt-mount configuration, allowing for secure mechanical and electrical connections to busbars. --- ## 3. Applications and Usage This part is essentially a "current-to-voltage" converter. When current flows through the shunt, a tiny voltage drop occurs ($V = I \times R$), which is then measured by a battery monitoring IC. ### Primary Use Cases: 1. **Electric Vehicles (EV):** Monitoring the state of charge (SoC) and state of health (SoH) of the main battery pack. 2. **Intelligent Battery Sensors (IBS):** Used in 12V/48V lead-acid or lithium systems to manage start-stop technology. 3. **Solar Inverters:** Measuring high-current DC inputs from solar arrays. 4. **UPS Systems:** Monitoring backup power discharge rates. --- ## 4. Part Number Breakdown (Typical) While the suffix "R/Q" can denote specific packaging or tolerance variations, the core prefix follows this logic: * **WSBS:** Vishay Brand (Power Metal Strip Battery Sensor). * **2AB:** Physical size and terminal configuration (2-terminal, Bolt-mount). * **R/Q:** Internal manufacturing codes for resistance value or reel/bulk packaging specifications. ---
    ✨ Follow-up Questions
    • ⤷How do I calculate the voltage drop for a 100 micro-Ohm WSBS shunt at 200 Amps?
    • ⤷ What are the advantages of Power Metal Strip technology over traditional wirewound shunts?
    • ⤷ What specific ICs are commonly paired with these shunts for battery monitoring?