データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WSBS-3BA-R/E

  • AI
    The **WSBS-3BA-R/E** is a precision shunt resistor manufactured by **Welwyn (TT Electronics)**. It is specifically designed for high-current sensing applications, often used in automotive battery management and industrial power control. --- ### ## Technical Specifications The following table highlights the core electronic characteristics of the component: | Parameter | Specification | | :--- | :--- | | **Resistance Value** | Typically low (e.g., 100µΩ to 500µΩ) | | **Power Rating** | Up to 36W (Depending on heat sinking) | | **Tolerance** | ±5% (Standard for this series) | | **Technology** | Metal Element (Electron Beam Welded) | | **Temperature Coefficient** | Low TCR (typically < ±200ppm/°C) | | **Mounting Type** | Busbar / Bolt-on | --- ### ## Key Features & Construction The WSBS-3BA-R/E is engineered to handle extreme environments while maintaining accuracy. 1. **Material Construction**: It uses a specialized metal alloy (Manganin or similar) that is electron-beam welded to copper terminals. This ensures minimal thermal EMF and high stability. 2. **Current Sensing**: Designed for "Kelvin" (4-terminal) sensing principles. By separating the current path from the voltage sensing path, it eliminates the resistance of the leads/bolts from the measurement. 3. **Mechanical Design**: The "3BA" designation refers to the physical footprint, which usually features two mounting holes for secure attachment to a busbar using bolts. --- ### ## Common Applications Due to its high power handling and precision, this part is found in: * **Battery Management Systems (BMS)**: Monitoring charge/discharge cycles in Electric Vehicles (EVs). * **Inverters**: Measuring high-speed current fluctuations in motor drives. * **Industrial Power Supplies**: Overcurrent protection and load monitoring. --- ### ## Equivalent/Related Parts If the WSBS-3BA-R/E is unavailable, engineers often look at the following series: * **Vishay WSBS Series**: (e.g., WSBS8518) * **Isabellenhütte**: IVT or shunt modules.
    ✨ Follow-up Questions
    • ⤷ What is the exact resistance value of the WSBS-3BA-R/E variant you are using?
    • ⤷ How does the 4-terminal Kelvin connection improve measurement accuracy in this part?
    • ⤷ What are the thermal management requirements for operating this shunt at its maximum power rating?