データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WSBS8518...P3

  • AI
    The **WSBS8518...P3** is a high-power, surface-mount Power Metal Strip® battery shunt resistor manufactured by **Vishay Dale**. These components are critical for precise current sensing in high-current applications, particularly in automotive and industrial battery management systems (BMS). --- ### 1. Technical Specifications Overview The part number follows a specific nomenclature. Below are the typical characteristics of the WSBS8518 series: | Feature | Specification | | :--- | :--- | | **Series** | WSBS8518 | | **Construction** | Power Metal Strip (Solid Manganese-Copper Alloy) | | **Power Rating** | Up to 36 W (Continuous) | | **Resistance Range** | 100 $\mu\Omega$ to 1000 $\mu\Omega$ (0.1 m$\Omega$ to 1.0 m$\Omega$) | | **Tolerance** | $\pm 5.0 \%$ or $\pm 10.0 \%$ (standard) | | **Dimensions** | 85mm x 18mm | | **Terminal Finish** | Tin-plated (P3 suffix) | --- ### 2. Key Design Features * **Solid Metal Construction:** It utilizes a massive manganese-copper alloy resistive element. This provides a very low Temperature Coefficient of Resistance (TCR), ensuring accuracy even as the component heats up. * **P3 Suffix (Plating):** The "P3" specifically refers to the terminal finish. It indicates that the terminals are **tin-plated**, which facilitates better solderability for busbar mounting or PCB integration. * **Kelvin Connection (4-Terminal Design):** While physically appearing as a large bar, these resistors are often used in a 4-terminal configuration to separate the high-current path from the voltage-sensing path, eliminating lead resistance errors. * **AEC-Q200 Qualified:** These parts are ruggedized and certified for the harsh environments of the automotive industry (high vibration and temperature fluctuations). --- ### 3. Common Applications Due to its ability to handle extremely high currents (hundreds of Amperes), the WSBS8518 is primarily used for: 1. **EV/HEV Battery Management:** Monitoring the state of charge (SoC) and state of health (SoH) by measuring the total current entering/leaving the battery pack. 2. **Inverters:** High-power DC-to-AC conversion monitoring. 3. **Solar Arrays:** Measuring current flow from large photovoltaic strings. 4. **Smart Grid Storage:** Large scale energy storage systems. --- ### 4. Part Number Example Breakdown If the part number is `WSBS8518L1000JKP3`: * **WSBS8518:** Package size/type. * **L1000:** Resistance value (L designates decimal; 0.000100 $\Omega$ or 100 $\mu\Omega$). * **J:** Tolerance ($\pm 5.0\%$). * **P3:** Tin-plated terminals (Lead-free/RoHS compliant). ---
    ✨ Follow-up Questions
    • ⤷ How does the TCR of this resistor compare to standard thick-film resistors?
    • ⤷ What are the thermal management requirements for operating at 36W?
    • ⤷ Can this shunt be used for bi-directional current sensing?