データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WSP-21B-R

  • AI
    The **WSP-21B-R** is a high-performance **Fuel Cell Alcohol Sensor** (often categorized under electrochemical gas sensors). It is primarily used for the detection of ethanol (C2H5OH) in the air and is a staple component in digital breathalyzers and industrial safety monitors. --- ## 1. Technical Specifications The following table highlights the core electronic and physical characteristics of the WSP-21B-R sensor: | Parameter | Specification | | :--- | :--- | | **Sensor Type** | Fuel Cell (Electrochemical) | | **Detection Gas** | Alcohol (Ethanol) | | **Detection Range** | 0.00 – 2.00 mg/L (approx. 0.40% BAC) | | **Output Signal** | Current (converted to Voltage via circuit) | | **Operating Current** | < 50 mA | | **Warm-up Time** | < 10 seconds | | **Response Time (T90)** | < 10 seconds | | **Recovery Time** | < 30 seconds | | **Accuracy** | ±0.01% BAC at 0.05% BAC | --- ## 2. Operating Principle Unlike semiconductor sensors (which change resistance), the WSP-21B-R operates as a **Fuel Cell**. 1. **Chemical Reaction:** When ethanol molecules contact the working electrode, a chemical oxidation process occurs. 2. **Ion Exchange:** This reaction releases electrons and creates a flow of ions through the electrolyte. 3. **Linear Output:** The resulting electrical current is **directly proportional** to the concentration of alcohol in the breath sample. 4. **Signal Conversion:** An external Op-Amp (Operational Amplifier) circuit is typically used to convert this small current into a measurable voltage for a Microcontroller (MCU). --- ## 3. Key Electronic Features ### A. High Selectivity The WSP-21B-R is highly selective to alcohol. Unlike cheaper sensors (like the MQ-3), it is not easily fooled by "interference gases" such as smoke, acetone (common in diabetics), or kitchen fumes. ### B. Stability and Longevity Because it does not require a heating element to function (passive electrochemical reaction), it consumes very little power and has a longer lifespan compared to heated semiconductor sensors. ### C. Low Power Consumption Ideal for portable, battery-powered devices. Since there is no heater (R_H) to maintain at high temperatures, the battery drain is significantly lower. --- ## 4. Typical Application Circuit To interface the WSP-21B-R with a microcontroller like an Arduino or STM32, the following blocks are required: ```mermaid graph LR A[WSP-21B-R Sensor] --> B[Current-to-Voltage Converter] B --> C[Amplification Stage] C --> D[Microcontroller ADC Pin] D --> E[LCD/OLED Display] ``` ### Typical Circuit Components: * **Operational Amplifier:** (e.g., LM358 or AD620) to boost the micro-ampere signal. * **Load Resistor:** To convert the current into a readable voltage drop. * **Filtering Capacitor:** To reduce noise in the analog signal. ---
    ✨ Follow-up Questions
    • ⤷ How does the WSP-21B-R compare to semiconductor sensors like the MQ-3?
    • ⤷ What are the calibration requirements for fuel cell sensors?
    • ⤷ Can this sensor be used for industrial gas leak detection?