データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WSP-2CB-R

  • AI
    ## Overview of the WSP-2CB-R The **WSP-2CB-R** is a specific electronic component, typically categorized as a **Water Leakage Sensor** (specifically a Sensing Band or Ribbon) often used in industrial leakage detection systems. It is designed to detect the presence of water or moisture across its length to prevent damage to sensitive electronic equipment or infrastructure. --- ### Technical Specifications & Parts The WSP-2CB-R is composed of several critical layers and materials that allow it to function as a resistive sensor. | Component | Material / Feature | Function | | :--- | :--- | :--- | | **Detection Wires** | Stainless Steel or Copper Alloy | Conducts the electrical signal when bridged by water. | | **Insulation Core** | Polyethylene or PVC | Keeps the two internal wires separated under dry conditions. | | **Outer Braid** | Absorbent Synthetic Fiber | Wicks water toward the internal wires for faster detection. | | **Connector Type** | Terminal Pins or Lead Wires | Connects the sensing band to a monitoring alarm module. | | **Sensitivity** | High | Can detect a single drop of water touching the braid. | --- ### Working Principle The electronic operation of the WSP-2CB-R relies on the **Resistive Bridge** principle: 1. **Open Circuit (Dry):** In its normal state, the two internal wires are separated by an air gap or non-conductive material. The resistance is infinite (Open Circuit). 2. **Closed Circuit (Wet):** When water touches the band, it acts as a conductive medium. The water bridges the gap between the two wires, significantly dropping the resistance. 3. **Signal Processing:** The connected alarm module detects this drop in resistance and triggers a relay or digital signal to shut down systems or sound an alarm. --- ### Key Applications * **Data Centers:** Placed under raised floors to detect AC leaks. * **Telecommunications:** Protection for server racks and UPS batteries. * **Industrial Piping:** Wrapped around joints to detect chemical or water seepage. * **Semiconductor Labs:** Monitoring for ultra-pure water leaks. --- ### Installation & Wiring The "R" in the suffix often denotes a specific length or a **Resistor-terminated** version used for loop monitoring (detecting if the cable itself has been cut). ```yaml Wiring Configuration: - Red/White Wire: Signal Positive (+) - Black/Green Wire: Signal Negative (-) - End-of-Line Resistor: Usually 10k or 47k Ohms (prevents false negatives) ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum length supported for the WSP-2CB-R sensing band?
    • ⤷ Can this sensor detect non-conductive liquids like oil?
    • ⤷ How do you test the WSP-2CB-R without causing permanent damage?