データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WSP-2DC-R

  • AI
    The **WSP-2DC-R** is a specialized, industrial-grade surge protection device (SPD) manufactured by **World Products Inc.** It is primarily designed to protect sensitive electronic equipment from voltage transients and surges in DC power systems. ### 1. Key Technical Specifications The electrical characteristics of the WSP-2DC-R define its performance in a circuit: | Feature | Specification | | :--- | :--- | | **System Voltage** | 12V DC / 24V DC (Model dependent variants) | | **Max Continuous Operating Voltage (MCOV)** | Approx. 38V DC | | **Discharge Current (In)** | 10kA - 20kA | | **Response Time** | < 25 nanoseconds | | **Mounting Type** | DIN Rail Mount | | **Termination** | Screw Terminal | --- ### 2. Core Electronic Components The WSP-2DC-R utilizes a hybrid circuit design to balance speed and durability. Its internal architecture typically consists of: * **Metal Oxide Varistors (MOVs):** The primary protection element. These components have a high resistance at normal voltages but drop to a very low resistance when a surge occurs, shunting the excess energy to the ground. * **Thermal Disconnectors:** Integrated safety fuses that disconnect the MOV from the circuit if it overheats due to a sustained overvoltage condition, preventing fire hazards. * **Gas Discharge Tubes (GDTs) (Optional in some variants):** Sometimes used in series with MOVs to reduce leakage current and extend the lifespan of the device. * **LED Status Indicators:** Visual electronics that signal whether the internal protection components are still functional or if the unit has reached its "End of Life." --- ### 3. Circuit Protection Mechanism The device operates in three distinct phases: 1. **Standby Mode:** Under normal operating voltage, the device acts as an open circuit with high impedance, drawing negligible current. 2. **Clamping Phase:** When a spike (from lightning or inductive switching) hits the DC line, the MOVs react in nanoseconds, "clamping" the voltage to a level the downstream equipment can survive. 3. **Recovery/Fail-Safe:** Once the surge passes, the device resets to high impedance. If the surge is too powerful, the internal thermal link breaks, and the status window turns red. --- ### 4. Common Applications * **Photovoltaic (PV) Systems:** Protecting solar arrays and charge controllers. * **Telecommunications:** Guarding DC power feeds for cellular towers. * **Industrial Automation:** Protecting PLCs (Programmable Logic Controllers) and sensitive DC sensors.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the WSP-2DC-R and the AC versions of this series?
    • ⤷ How do you interpret the LED status indicators on this specific model?
    • ⤷ What is the maximum surge current capacity for the WSP-2DC-R?