データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • WSP-2DC-R/E

  • AI
    The **WSP-2DC-R/E** is a specific variant of a compact, 2-inch direct thermal mobile printer mechanism, often integrated into handheld POS terminals or portable labeling devices. Below is a detailed breakdown of its electronic components and technical specifications. --- ## 1. Core Technical Specifications The electronics are designed for low-power consumption and high-speed data processing to suit battery-operated environments. | Feature | Specification | | :--- | :--- | | **Printing Method** | Direct Thermal | | **Resolution** | 203 DPI (8 dots/mm) | | **Printing Width** | 48 mm (384 dots/line) | | **Paper Width** | 58 mm | | **Interface Options** | RS-232C, UART, or USB | | **Print Speed** | Up to 80mm/sec (depending on voltage) | --- ## 2. Key Electronic Components ### A. The Thermal Print Head (TPH) The TPH is the heart of the device. It contains a linear array of heating elements (resistors). * **Driver ICs:** These integrated circuits control the activation of specific dots based on the data received. * **Thermistor:** A built-in temperature sensor that prevents the head from overheating by providing feedback to the main controller to adjust printing speed or pause operation. ### B. Control Logic & Interface The "R/E" designation usually refers to the interface and buffer configuration: * **Microcontroller (MCU):** Processes the ESC/POS commands and converts text/graphics into a bitmapped format for the TPH. * **Buffer Memory:** Stores incoming data to ensure smooth printing without "stuttering" if the data transmission is slower than the print speed. ### C. Sensors The unit relies on two primary electronic sensors for operation: * **Paper-End Sensor:** A reflective photo-interrupter that detects the presence of paper. * **Cover-Open Sensor:** A mechanical or magnetic switch that halts the TPH to prevent damage or safety issues when the lid is open. --- ## 3. Power Management Electronics Since this model is typically used in mobile devices, the power circuitry is highly specialized: * **Operating Voltage:** Typically ranges from **3.7V to 8.5V DC**. * **Peak Current:** Can reach up to 2.5A during heavy black-density printing. * **Sleep Mode:** The electronic controller includes a low-power standby mode to preserve battery life when the printer is idle. --- ## 4. Connection Pinout (Typical) The electronic interface usually consists of a flexible flat cable (FFC) or a pin header. | Pin Type | Description | | :--- | :--- | | **VCC/VH** | Logic and Head Power Supply | | **GND** | System Ground | | **TX/RX** | Data transmission for Serial/UART communication | | **STB 1-n** | Strobe signals to control TPH heating timing | | **LAT / CLK** | Latch and Clock signals for data shifting into the TPH | ---
    ✨ Follow-up Questions
    • ⤷ What are the specific power requirements for the WSP-2DC-R/E to avoid damaging the Thermal Print Head?
    • ⤷ How do I interface this printer module with an Arduino or Raspberry Pi?
    • ⤷ What is the difference between the R and E suffixes in this model number?