データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • X24C01API

  • AI
    The **X24C01API** is a specific type of Non-Volatile Memory (NVM) integrated circuit. It is an older generation Electrically Erasable Programmable Read-Only Memory (EEPROM). Below is a detailed breakdown of its specifications, architecture, and pin configuration. --- ## 1. Core Specifications The X24C01API is part of the "X24C01" family, typically manufactured by Xicor (now part of Renesas/Intersil). | Feature | Specification | | :--- | :--- | | **Memory Size** | 1 Kilobit (128 words × 8 bits) | | **Interface** | 2-Wire Serial (I2C Compatible) | | **Operating Voltage** | 5V (Standard for "API" suffix) | | **Package Type** | 8-pin PDIP (Plastic Dual In-line Package) | | **Temperature Range** | Industrial (-40°C to +85°C) | | **Write Cycle Time** | 10ms (Maximum) | --- ## 2. Pinout Configuration The device uses a standard 8-pin layout common to many I2C EEPROMs. | Pin Number | Symbol | Function | | :--- | :--- | :--- | | 1, 2, 3 | A0, A1, A2 | **Address Inputs:** Used to set the device address (hardwiring these allows multiple devices on the same bus). | | 4 | Vss | **Ground.** | | 5 | SDA | **Serial Data:** Bidirectional pin used to transfer data in and out. | | 6 | SCL | **Serial Clock:** Used to synchronize data transfer. | | 7 | WP | **Write Protect:** If tied to Vcc, write operations are inhibited. | | 8 | Vcc | **Supply Voltage** (+5V). | --- ## 3. Key Electronic Characteristics ### A. Non-Volatility Unlike RAM, the X24C01API retains its data even when power is removed. This makes it ideal for storing configuration settings, calibration constants, or small lookup tables. ### B. Two-Wire Protocol (I2C) The chip communicates via a master-slave relationship. - **Start/Stop Conditions:** Controlled by the Master (MCU) to initiate and end communication. - **Acknowledge (ACK):** The chip sends a low signal after every 8 bits received to confirm receipt. ### C. Write Endurance and Data Retention - **Endurance:** Typically rated for 100,000 to 1,000,000 write cycles per byte. - **Retention:** Data is generally guaranteed to remain intact for 100 years. --- ## 4. Part Number Decoder (X24C01API) To understand the specific variant: * **X24:** Xicor Family prefix for EEPROMs. * **C:** CMOS Technology. * **01:** 1K bit density. * **A:** Revision/Designator code. * **P:** PDIP Package. * **I:** Industrial Temperature range. --- ## 5. Typical Application Circuit When connecting this to a microcontroller (like an Arduino or PIC): 1. **Pull-up Resistors:** Connect 4.7kΩ resistors from SDA and SCL to Vcc. 2. **Addressing:** Tie A0, A1, and A2 to Ground to set the device address to `000`. 3. **Bypass Capacitor:** Place a 0.1µF ceramic capacitor between Vcc and Vss to filter power noise.
    ✨ Follow-up Questions
    • ⤷ How does the X24C01API compare to modern 24LC01 series EEPROMs?
    • ⤷ What is the specific I2C slave address for the X24C01API?
    • ⤷ Can this chip operate at 3.3V logic levels?