データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XAM2432...ALX

  • AI
    The **AM2432...ALX** refers to a specific variant of the **Sitara™ AM243x microcontrollers (MCUs)** from Texas Instruments. These are high-performance industrial microcontrollers designed for real-time control and industrial networking. --- ## 1. Core Architecture The AM2432 is built on a multi-core architecture designed to offload communication tasks from real-time processing tasks. | Component | Specification | Purpose | |:---|:---|:---| | **Main Processor** | Dual-core Arm® Cortex®-R5F | High-speed real-time processing (up to 800 MHz). | | **Safety Core** | Single-core Arm® Cortex®-M4F | Handles system integrity and low-power housekeeping. | | **PRU-ICSSG** | Programmable Real-Time Unit | Handles industrial protocols (EtherCAT, PROFINET, Ethernet/IP). | --- ## 2. Technical Specifications The "ALX" suffix typically refers to the physical packaging and thermal rating of the chip. Below are the general electronic characteristics: ### A. Memory & Storage * **On-chip RAM:** 2MB of tightly coupled memory (TCM) to ensure deterministic performance. * **External Memory Interface:** Supports LPDDR4 and OSPI (Octal SPI) for high-speed Flash/RAM expansion. ### B. Industrial Connectivity The AM2432 is a "communication centric" part. Its electronic design includes: * **Gigabit Ethernet:** Integrated switches supporting Time-Sensitive Networking (TSN). * **ADC:** 12-bit Analog-to-Digital Converters for sensor monitoring. * **PWMs:** Enhanced Pulse Width Modulators for motor control applications. --- ## 3. Package and Physical Attributes (ALX) In TI's nomenclature, the **ALX** package code usually defines the following: | Attribute | Details | |:---|:---| | **Package Type** | FCBGA (Flip Chip Ball Grid Array) | | **Pin Count** | 293-pin or 441-pin (depending on the specific pitch variant) | | **Operating Temp** | Typically Extended Industrial (-40°C to 105°C) | --- ## 4. Typical Application Circuit When designing a PCB for this part, the following electronic subsystems are required: ```mermaid graph LR A[Power Management - PMIC] --> B[AM2432 Core] C[OSPI Flash] <--> B D[Ethernet PHY] <--> B E[Crystal Oscillator] --> B ``` * **Power Rail:** Requires multiple voltages (typically 0.85V core, 1.8V/3.3V I/O). * **Clocking:** Requires a high-precision 25MHz or 50MHz crystal. --- ## 5. Summary of Use Cases 1. **Industrial Robots:** Managing motor drives while communicating over EtherCAT. 2. **PLCs:** Programmable Logic Controllers requiring high-speed I/O. 3. **IO-Link Gateways:** Managing multiple sensor inputs and bridging them to a factory network.
    ✨ Follow-up Questions
    • ⤷What are the specific power requirements (PMIC) for the AM243x series?
    • ⤷ How does the PRU-ICSSG differ from a standard Ethernet controller?
    • ⤷ Which development kits are available for the AM2432?