データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XCSDMP7902

  • AI
    ## Technical Overview of the XCSDMP7902 The **XCSDMP7902** is a coded magnetic safety switch designed by Telemecanique Sensors (formerly part of Schneider Electric). It is primarily used in industrial automation to monitor the status of safety guards, doors, and gates. ### 1. Key Specifications | Feature | Specification | | :--- | :--- | | **Product Type** | Coded Magnetic Safety Switch | | **Contact Composition** | 2 NO (Normally Open) + 1 NC (Normally Closed) | | **Supply Voltage** | 24 V DC | | **Sensing Distance** | Sao: 8 mm (Operating); Sar: 20 mm (Release) | | **Housing Material** | Rectangular Plastic (PPS) | | **Connection Type** | Pre-wired (Standard 2m or 5m cable) | | **Safety Rating** | Up to SIL 3 / PL e (when paired with a safety module) | --- ### 2. Internal Electronic Components & Operation The XCSDMP7902 operates based on **Reed Switch technology** combined with magnetic coding to prevent tampering. * **Coded Magnetic Actuator:** Unlike a standard magnet, the actuator (XCSZP7902) contains multiple magnets arranged in a specific pattern. The switch will only trigger if it recognizes this specific code, preventing bypass with a simple household magnet. * **Reed Contacts:** The switch contains hermetically sealed reed contacts. When the coded actuator is within the sensing range (8mm), the magnetic field causes the internal reeds to move, changing the state of the outputs. * **Internal Protection:** The device typically includes internal protection against voltage transients to ensure reliability in noisy industrial environments. --- ### 3. Wiring Configuration The device uses a multi-core cable. The configuration for the 3-contact model is generally as follows: ```text Contact 1 (NO): Brown / Blue Contact 2 (NO): Black / White Contact 3 (NC): Red / Grey ``` *(Note: Always verify with the specific wiring diagram provided on the product label as color codes can vary by production series.)* --- ### 4. Application Safety Logic For the XCSDMP7902 to reach its full safety integrity level (SIL/PL), it must be connected to a **Safety Monitoring Module** (such as the XPS series). 1. **Redundancy:** The dual NO contacts allow the safety module to check for discrepancies between the two circuits. 2. **Short-Circuit Detection:** The safety module monitors the lines for cross-faults or shorts to ground. 3. **Environmental Resilience:** Being magnetic and plastic-housed, it is resistant to dust, water, and cleaning agents (IP67 rated).
    ✨ Follow-up Questions
    • ⤷ What are the recommended safety modules to use with the XCSDMP7902?
    • ⤷ How does the 'Sar' release distance affect the installation tolerances?
    • ⤷ Can this switch be used in explosive atmospheres (ATEX zones)?