データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XF1294-R91

  • AI
    The **XF1294-R91** belongs to a specialized category of electronic components, typically associated with **Radio Frequency (RF) modules** or high-performance **surface-mount inductors/filters** used in telecommunications and industrial signaling. Below is a detailed breakdown of its electronic characteristics and technical specifications. --- ## 1. Component Identification The XF1294-R91 is primarily identified as an **RF Magnetic Component** or a **Wideband Transformer/Inductor**. It is designed to handle high-frequency signals while maintaining low insertion loss and high impedance stability. ### Key Specifications | Feature | Typical Value/Description | | :--- | :--- | | **Part Number** | XF1294-R91 | | **Component Type** | RF Surface Mount Device (SMD) | | **Frequency Range** | Usually optimized for MHz to GHz range | | **Mounting Type** | Surface Mount (SMT) | | **RoHS Compliance** | Lead-free / RoHS Compliant | | **Packaging** | Tape & Reel (indicated by the suffix) | --- ## 2. Core Electronic Functions This component performs several critical roles within a circuit board assembly: ### A. Impedance Matching It acts as a bridge between different circuit stages (e.g., an antenna and an amplifier) to ensure maximum power transfer and minimum signal reflection. ### B. Signal Isolation The magnetic properties of the component allow it to transfer AC signals via electromagnetic induction while blocking DC currents that might damage sensitive semiconductors. ### C. EMI Filtering The XF1294 series often functions as a filter to suppress **Electromagnetic Interference (EMI)**, ensuring that the device complies with regulatory standards (like FCC or CE) regarding noise emissions. --- ## 3. Physical & Material Composition * **Core Material:** Usually ferrite or a powdered iron core, chosen for high permeability and low energy loss at high frequencies. * **Terminations:** Typically gold-plated or tin-plated pads to ensure reliable soldering during the reflow process. * **Housing:** Encapsulated in a heat-resistant plastic or ceramic casing to withstand high thermal stress. --- ## 4. Common Applications The XF1294-R91 is frequently found in the following electronic systems: 1. **Networking Hardware:** Routers, switches, and high-speed modems. 2. **Wireless Communication:** Base stations and RF front-end modules. 3. **Industrial IoT:** Signal conditioning for sensors in high-noise environments. 4. **Set-Top Boxes:** Processing high-frequency cable or satellite signals. ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the XF1294-R91?
    • ⤷ What are the recommended reflow soldering temperature profiles for this part?
    • ⤷ Are there any direct equivalents or substitutes for the XF1294-R91?