データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFHCL22MB-R22M

  • AI
    The **XFHCL22MB-R22M** is a high-performance, surface-mount (SMD) power inductor commonly used in DC-DC converter circuits. It belongs to a class of "Molded Power Inductors," which are designed to handle high currents while maintaining a compact footprint. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical properties: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.22 µH (Microhenries) | | **Tolerance** | ±20% (indicated by the 'M') | | **Package Type** | SMD (Surface Mount Device) | | **Core Material** | Metal Alloy (Molded) | | **Operating Temp** | -40°C to +125°C (typical for this series) | | **Shielding** | Shielded (Magnetic powder molding) | --- ### 2. Key Features * **High Current Handling:** Due to the metal alloy core, these inductors offer a high saturation current ($I_{sat}$), meaning they don't lose their inductive properties easily under heavy loads. * **Low DCR (DC Resistance):** Designed with thick copper windings to minimize energy loss as heat, increasing overall power efficiency. * **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB. * **Soft Saturation:** Unlike ferrite core inductors that have a sharp drop-off, these molded inductors exhibit a gradual decrease in inductance as current increases. --- ### 3. Application Use Cases This specific component is typically found in high-frequency power applications where space is limited: 1. **Voltage Regulator Modules (VRMs):** Used in CPU and GPU power delivery on motherboards. 2. **Point of Load (PoL) Converters:** Converting a main bus voltage (like 12V) down to lower voltages (1.0V, 1.8V) for digital ICs. 3. **Mobile Devices:** Found in smartphones and tablets due to the low-profile height. 4. **D-Class Amplifiers:** Used in output filtering for high-efficiency audio. --- ### 4. Typical Footprint Example *Note: Dimensions may vary slightly by manufacturer, but generally follow standard metric sizing (e.g., 2016 or 2520 packages).* ```text Top View +-----------+ | | | .22M | <-- Part Marking | | +-----------+ Side View _---------_ |_| |_| <-- Solder Terminals ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the XFHCL22MB-R22M?
    • ⤷ How does a molded inductor differ from a traditional wire-wound ferrite inductor?
    • ⤷ Which manufacturers are the primary suppliers for the XFHCL series?