データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFHCL4-R68

  • AI
    The **XFHCL4-R68** is a specific model of a surface-mount (SMD) power inductor. This component is part of the **XFHCL4** series, typically manufactured by companies like XFMRS or similar electronic component providers. It is designed for high-current applications where space and efficiency are critical. --- ### 1. Key Technical Specifications | Parameter | Value | Description | | :--- | :--- | :--- | | **Inductance** | 0.68 µH | The nominal inductance value. | | **Tolerance** | ±20% (Standard) | The allowable variance from the nominal inductance. | | **DCR (Direct Current Resistance)** | Low (mΩ range) | Minimizes power loss and heat generation. | | **Isat (Saturation Current)** | High | The current level where inductance drops by a specific percentage. | | **Irms (Rated Current)** | High | The continuous current the inductor can handle without overheating. | | **Package/Case** | SMD / Shielded | Typically a molded plastic or metal composite construction. | --- ### 2. Component Composition and Design The XFHCL4-R68 belongs to the category of **Molded Power Inductors**. Its construction features include: * **Shielded Construction:** The magnetic core material surrounds the coil, which minimizes Electromagnetic Interference (EMI) and protects nearby sensitive components. * **Metal Composite Core:** Often uses a powdered iron or alloy core. This allows for soft saturation characteristics (the inductance doesn't drop off instantly when current spikes). * **Flat Wire/Compact Coil:** Designed to reduce the footprint while maximizing the cross-sectional area of the wire to lower resistance. --- ### 3. Common Applications Due to its low inductance (0.68 µH) and high current capability, it is primarily used in high-frequency switching environments: 1. **DC-DC Converters:** Used in Buck, Boost, and SEPIC topologies. 2. **Voltage Regulator Modules (VRM):** Common in motherboards and GPU power phases to provide stable current to processors. 3. **Portable Electronics:** Used in tablets, smartphones, and laptops where high efficiency and low profile (height) are required. 4. **Battery Powered Systems:** To manage power distribution with minimal energy loss. --- ### 4. Part Number Breakdown While manufacturer codes vary slightly, the standard breakdown for this part is: * **XF:** Manufacturer prefix (e.g., XFMRS). * **HCL:** High Current Inductor series. * **4:** Size code (refers to the physical dimensions, e.g., 4mm x 4mm). * **R68:** Inductance value (R represents the decimal point; $0.68$ µH).
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the 4-series package for this inductor?
    • ⤷ How does a 0.68 µH inductor compare to a 1.0 µH inductor in terms of ripple current?
    • ⤷ What is the typical saturation current (Isat) for the XFHCL4-R68?