データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFHCL4-R82

  • AI
    The **XFHCL4-R82** is a specialized electronic component, specifically a **Molded Power Inductor**. These components are essential in modern power management circuits for high-frequency DC-DC conversion. ### 1. Key Technical Specifications Based on the standard naming conventions for the XFHCL series, here are the primary technical characteristics: | Parameter | Value / Description | | :--- | :--- | | **Inductance** | 0.82 µH (Microhenries) | | **Component Type** | Fixed Power Inductor | | **Construction** | Metal Alloy Molded (Shielded) | | **Tolerance** | Usually ±20% (indicated by 'M' in similar series) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Composite Iron Powder / Metal Alloy | --- ### 2. Functional Characteristics The "Molded" design of the XFHCL4-R82 provides several advantages over traditional wire-wound inductors: * **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components. * **High Current Saturation:** These inductors are designed to handle high peak currents without the inductance dropping off sharply (soft saturation). * **Low DCR (DC Resistance):** It minimizes power loss as heat, increasing the overall efficiency of the power supply. * **Acoustic Noise Reduction:** The solid molded structure prevents the internal coils from vibrating, which eliminates "coil whine" in sensitive electronic devices. --- ### 3. Common Applications This part is typically found in high-density power modules where space and efficiency are critical: 1. **Voltage Regulator Modules (VRMs):** Found on motherboards and graphics cards (GPU). 2. **DC-DC Converters:** Used in Buck, Boost, or Buck-Boost topologies. 3. **Portable Electronics:** Smartphones, tablets, and laptops where low profile and high efficiency are required. 4. **Automotive Electronics:** Infotainment systems and ADAS sensors (if AEC-Q200 qualified). --- ### 4. Part Number Breakdown (Typical) * **XF:** Manufacturer prefix (commonly associated with XFMRS or specialized inductor brands). * **HCL:** Series code for High Current, Low Profile Molded Inductors. * **4:** Physical size/dimension code (likely 4.0mm x 4.0mm footprint). * **R82:** Resistance/Inductance value. "R" represents the decimal point for microhenries (0.82 µH).
    ✨ Follow-up Questions
    • ⤷ What are the exact physical dimensions of the '4' size code for this inductor?
    • ⤷ What is the maximum current rating (Irms) for the XFHCL4-R82?
    • ⤷ How does this molded inductor compare to a ferrite core inductor in terms of EMI?