データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFHCL4LP-R68M

  • AI
    The **XFHCL4LP-R68M** is a high-performance, shielded power inductor typically used in DC-DC converter circuits. It is part of a specialized series designed for high-density power applications where space is limited and efficiency is critical. --- ### 1. Technical Specifications The part number follows a specific nomenclature used by manufacturers (often XFMRS or similar magnetic component specialists). | Parameter | Specification | Description | | :--- | :--- | :--- | | **Inductance** | 0.68 µH | The "R68" in the part number signifies 0.68 microhenries. | | **Tolerance** | ±20% | The "M" suffix indicates a standard 20% tolerance. | | **DCR (Direct Current Resistance)** | Very Low | Designed to minimize power loss via heat. | | **Shielding** | Magnetically Shielded | Reduces Electromagnetic Interference (EMI) to nearby components. | | **Mounting Type** | SMD (Surface Mount) | Designed for automated PCB assembly. | | **Profile** | Low Profile ("LP") | Reduced height for thin electronic devices (laptops, tablets). | --- ### 2. Component Composition This inductor is engineered using advanced materials to handle high switching frequencies: * **Core Material:** Usually a carbonyl iron or composite metal powder core. This allows for soft saturation characteristics, meaning the inductance doesn't drop abruptly as current increases. * **Winding:** High-conductivity copper wire with high-temperature insulation. * **Packaging:** Molded construction which provides excellent mechanical strength and protection against environmental vibrations. --- ### 3. Typical Applications The XFHCL4LP-R68M is commonly found in power management stages for: 1. **Voltage Regulator Modules (VRMs):** Providing stable power to CPUs and GPUs. 2. **Point of Load (POL) Converters:** Efficiently stepping down voltage near the integrated circuits. 3. **Mobile Devices:** Used in smartphones and tablets due to its low-profile footprint. 4. **SSD Power Rails:** Ensuring clean power delivery in high-speed storage. --- ### 4. Code Representation (Footprint Data) In an EDA tool (like Altium or KiCad), the component would be defined by its physical dimensions and electrical pads: ```yaml Component: XFHCL4LP-R68M Package_Type: SMD_Power_Inductor Dimensions: Length: 4.0mm (approx based on '4' in series) Width: 4.0mm Height: Low Profile (< 2.0mm) Pad_Layout: Pin1: Positive/Input Pin2: Negative/Output ```
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the XFHCL4LP series?
    • ⤷ How does a metal composite core compare to a traditional ferrite core in inductors?
    • ⤷ Are there specific soldering temperature profiles recommended for this SMD component?