データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFHCL4MM-R68M

  • AI
    ### Technical Overview of XFHCL4MM-R68M The **XFHCL4MM-R68M** is a high-performance, surface-mount (SMD) power inductor. It is designed primarily for DC-DC converter applications where high efficiency, compact size, and high current handling are required. --- ### 1. Key Technical Specifications Below are the primary electrical and physical characteristics typically associated with this part number: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Inductance** | 0.68 µH | Rated at 100kHz, 1.0V | | **Tolerance** | ±20% (M) | Standard industry tolerance | | **DC Resistance (DCR)** | ~5.0 - 6.5 mΩ | Typical/Max resistance of the coil | | **Saturation Current ($I_{sat}$)** | ~18A - 22A | Current where inductance drops by 30% | | **Heating Current ($I_{rms}$)** | ~12A - 15A | Current causing a 40°C temperature rise | | **Case Size** | 4mm x 4mm | Compact footprint (often 4040 size) | | **Construction** | Shielded | Magnetic powder molded/shielded | --- ### 2. Component Breakdown #### A. Core Material The part usually employs a **metal alloy powder core**. Unlike traditional ferrite cores, metal powder cores offer "soft saturation" characteristics, meaning the inductance decreases gradually rather than abruptly when the current increases. #### B. Shielding It is a **magnetically shielded** component. This is critical for high-density PCB layouts as it minimizes Electromagnetic Interference (EMI) with neighboring components, which is essential in switching power supplies. #### C. Terminations The part features robust SMD solder pads, usually tin-plated over copper, designed to withstand lead-free reflow soldering temperatures. --- ### 3. Application Use Cases The XFHCL4MM-R68M is commonly found in the following circuits: 1. **Point of Load (POL) Converters:** Used in motherboards and GPU power stages. 2. **Voltage Regulator Modules (VRM):** Providing stable low-voltage rails for CPUs. 3. **Battery Powered Devices:** Ideal for smartphones or tablets due to its low profile and high efficiency. 4. **DC-DC Step-down (Buck) Converters:** Acting as the energy storage element during the switching cycle. --- ### 4. Part Number Decoder (Typical) While manufacturers vary, the nomenclature generally breaks down as follows: * **XF:** Manufacturer Series Prefix (often XFMRS or similar). * **HCL:** High Current Inductor series. * **4MM:** Dimensions (4.0 x 4.0 mm). * **R68:** Inductance value (R = decimal point; 0.68 µH). * **M:** Tolerance (M = ±20%).
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative parts for the XFHCL4MM-R68M?
    • ⤷ How does the 'soft saturation' of a metal alloy core affect circuit stability?
    • ⤷ What is the recommended solder reflow profile for this SMD inductor?