データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFHCL5-R30

  • AI
    ## Technical Overview of XFHCL5-R30 The **XFHCL5-R30** is a high-performance **Surface Mount Device (SMD) Power Inductor**. It is primarily designed for high-frequency DC-DC converters, voltage regulator modules (VRMs), and point-of-load (POL) applications where efficiency and space-saving are critical. --- ### 1. Key Technical Specifications | Parameter | Specification (Typical) | | :--- | :--- | | **Inductance** | 0.30 µH (indicated by "R30") | | **Inductance Tolerance** | ±20% | | **Current Rating (Isat)** | High Current (Typically >15A depending on package) | | **DC Resistance (DCR)** | Very Low (typically in mΩ range) | | **Operating Temperature** | -40°C to +125°C | | **Construction** | Shielded, Composite/Metal Powder | --- ### 2. Core Components and Materials The performance of the XFHCL5-R30 is derived from its specific electronic construction: * **Magnetic Core:** Utilizes a metal powder or composite alloy core. This material allows for "soft saturation," meaning the inductance decreases gradually as current increases, rather than dropping off sharply. * **Winding:** Typically features heavy-gauge copper wire to minimize **DCR (Direct Current Resistance)**, which reduces heat generation and improves energy efficiency. * **Shielding:** The part is magnetically shielded to prevent Electromagnetic Interference (EMI) from affecting surrounding components on the PCB. * **Terminations:** Lead-free (RoHS compliant) solder pads designed for high-reliability surface mounting. --- ### 3. Electronic Functions and Use Cases The XFHCL5-R30 serves several critical roles in a circuit: 1. **Energy Storage:** It stores energy in its magnetic field during the "ON" cycle of a switching regulator and releases it during the "OFF" cycle. 2. **Filtering:** It acts as a low-pass filter to smooth out current ripples, ensuring a stable voltage output for sensitive components like CPUs or FPGAs. 3. **High-Frequency Stability:** Designed to operate efficiently at switching frequencies often exceeding 1 MHz. ### 4. Typical Applications * **Computing:** Motherboards, servers, and graphic cards (GPU power stages). * **Telecommunications:** Network routers and base station power modules. * **Consumer Electronics:** High-end laptops and tablets requiring high current density in a small footprint. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the XFHCL5-R30 package?
    • ⤷ How does the saturation current (Isat) compare to the heat rating current (Irms)?
    • ⤷ Is there a direct equivalent or alternative part for this inductor?