データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFSMC2-R22M

  • AI
    The **XFSMC2-R22M** is a high-performance, surface-mount power inductor commonly used in DC-DC converter applications. It belongs to a category of "Molded Power Inductors," which are known for their compact size and high current-handling capabilities. --- ### 1. Key Technical Specifications Below is a summary of the typical electrical characteristics for this component: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.22 µH | | **Tolerance** | ±20% (indicated by 'M') | | **DC Resistance (DCR)** | Extremely Low (typically < 2.0 mΩ) | | **Saturation Current ($I_{sat}$)** | Very High (often 30A - 50A depending on package) | | **Operating Temperature** | -40°C to +125°C | | **Package Type** | Shielded SMD (Surface Mount Device) | --- ### 2. Composition and Design The "XFSMC" series generally utilizes a **metal alloy powder core** construction. This provides several advantages over traditional ferrite cores: * **Soft Saturation:** Unlike ferrite inductors that drop inductance sharply when current limits are reached, these molded inductors show a gradual decline in inductance. * **Magnetic Shielding:** The molded construction naturally shields the component, reducing Electromagnetic Interference (EMI) with neighboring components on the PCB. * **High Efficiency:** The low DCR (Direct Current Resistance) minimizes power loss due to heat ($P = I^2R$), making it ideal for high-efficiency power supplies. --- ### 3. Part Number Breakdown The nomenclature can typically be decoded as follows: | Segment | Meaning | | :--- | :--- | | **XFSMC** | Manufacturer Series (typically high-current molded series) | | **2** | Size/Dimension Code (refers to the footprint, e.g., 7mm x 7mm) | | **R22** | Inductance Value (R22 = 0.22 µH) | | **M** | Tolerance (M = ±20%) | --- ### 4. Common Applications Due to its low inductance and high current rating, the XFSMC2-R22M is used in high-frequency switching environments: * **Voltage Regulator Modules (VRMs):** Found in CPU and GPU power delivery. * **Point of Load (PoL) Converters:** Used in networking hardware and servers. * **Battery Powered Devices:** Where high efficiency is critical to extending battery life. * **Automotive Electronics:** Infotainment and ADAS systems requiring stable power. ---
    ✨ Follow-up Questions
    • ⤷ What are the physical dimensions of the XFSMC2 footprint?
    • ⤷ Can this inductor be used in automotive-grade applications?
    • ⤷ How does the saturation current of this part compare to a ferrite core inductor of the same size?