データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFSMC2-R33M

  • AI
    The **XFSMC2-R33M** is a high-performance, surface-mount power inductor commonly used in DC-DC converter circuits. It is designed to handle high current loads while maintaining a small physical footprint. ### 1. Key Technical Specifications The part number typically breaks down into specific electrical characteristics: | Parameter | Value/Description | | :--- | :--- | | **Inductance** | 0.33 µH (indicated by "R33") | | **Tolerance** | ±20% (indicated by "M") | | **Mounting Type** | SMD (Surface Mount Device) | | **Core Material** | Metal Alloy (usually Carbonyl Iron) | | **Shielding** | Shielded (Magnetic) | --- ### 2. Core Components and Materials The construction of this electronic part involves several critical materials: * **Winding:** Typically utilizes flat wire or heavy-gauge copper to reduce DC Resistance (DCR). * **Core:** A composite metal powder core. This provides high saturation current ($I_{sat}$) and prevents the inductor from losing its effectiveness when high current flows through it. * **Lead Frame:** Robust T-lead or bottom-termination construction to handle thermal expansion and vibration. --- ### 3. Electrical Characteristics and Performance Understanding how this part behaves under load is vital for circuit design: * **Low DCR (DC Resistance):** Because it has a very low resistance, it minimizes power loss as heat, increasing the efficiency of the power supply. * **High Saturation Current:** The "Metal Composite" technology allows for a "soft" saturation curve, meaning it doesn't suddenly fail when the current exceeds its rating. * **Shielded Design:** The magnetic shielding reduces Electromagnetic Interference (EMI), preventing the inductor from interfering with nearby sensitive components like microprocessors or sensors. --- ### 4. Typical Applications You will find the XFSMC2-R33M in the following electronic environments: 1. **Point of Load (POL) Converters:** Providing stable voltage to CPUs and GPUs. 2. **Laptops and Tablets:** Where space is limited but power demands are high. 3. **High-speed Servers:** Used in multi-phase buck converters. 4. **Automotive Electronics:** Infotainment and ADAS systems (if AEC-Q200 qualified). --- ### 5. Footprint (Mechanical Data) *Note: Dimensions are approximate based on the "C2" series standard.* ```text Length: ~7.0 mm Width: ~6.6 mm Height: ~2.8 mm to 3.0 mm ```
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating (Isat) for this specific inductor?
    • ⤷ How does a metal alloy core compare to a ferrite core in power inductors?
    • ⤷ Are there AEC-Q200 automotive-grade versions of this part?