データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFSMC3-R33M

  • AI
    The **XFSMC3-R33M** is a high-performance **Surface Mount (SMT) Power Inductor**, typically utilized in DC-DC converter applications where high efficiency and high current handling are required. --- ### ## Technical Specifications Based on standard industry nomenclature for this series (likely a molded power inductor), here are the typical technical parameters: | Parameter | Specification | | :--- | :--- | | **Inductance** | 0.33 µH | | **Tolerance** | ±20% (indicated by 'M') | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Composite Metal Powder (Molded) | | **Shielding** | Magnetically Shielded | | **Operating Temperature** | -40°C to +125°C (typical) | --- ### ## Key Features 1. **Low DCR (DC Resistance):** Designed to minimize power loss due to heat, making it ideal for high-efficiency power supplies. 2. **Molded Construction:** The coil is encapsulated in a metallic powder composite. This provides: * Excellent magnetic shielding (low EMI). * High resistance to mechanical shock and vibration. * Soft saturation characteristics (the inductance doesn't drop abruptly under high current). 3. **High Current Capability:** Due to the 0.33µH low inductance value, this part is optimized for high-frequency switching and high output currents. --- ### ## Common Applications These inductors are commonly found in compact electronic assemblies where space is limited but power demands are high: * **Voltage Regulator Modules (VRMs):** Used in CPUs and GPUs. * **DC-DC Converters:** Point-of-load (POL) power supplies. * **Portable Electronics:** Laptops, tablets, and high-end smartphones. * **Automotive Infotainment:** Used in systems requiring stable power delivery under temperature fluctuations. --- ### ## Comparison: 0.33µH vs Higher Values | Feature | 0.33 µH (R33) | 1.0 µH (1R0) | | :--- | :--- | :--- | | **Current Handling** | Higher | Lower | | **Switching Frequency** | Optimized for higher MHz | Optimized for lower/medium MHz | | **Physical Size** | Usually thinner/smaller for same current | Usually larger | | **Ripple Current** | Higher | Lower |
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) rating for the XFSMC3-R33M?
    • ⤷ Can this inductor be used in automotive-grade (AEC-Q200) applications?
    • ⤷ What are the physical dimensions (footprint) of the XFSMC3 series?