データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFTPRH74-R33M

  • AI
    The **XFTPRH74-R33M** is a high-current, shielded surface-mount (SMD) power inductor. It is commonly used in DC-DC converter circuits to provide energy storage and noise filtering. Below is a detailed breakdown of its specifications and electronic characteristics. --- ### 1. Part Number Breakdown The nomenclature of this component reveals its physical and electrical properties: | Segment | Meaning | Description | | :--- | :--- | :--- | | **XFT** | Manufacturer Code | Refers to the manufacturer (likely XFMRS or a similar brand). | | **PRH74** | Series & Size | Indicates a shielded drum core. "74" typically means 7.3mm x 7.3mm x 4.5mm. | | **R33** | Inductance Value | **0.33 µH** (R denotes the decimal point). | | **M** | Tolerance | **±20%** (Industry standard for power inductors). | --- ### 2. Technical Specifications While exact values can vary slightly by manufacturer, the standard parameters for a 74-series R33 inductor are: * **Inductance:** 0.33 µH * **DC Resistance (DCR):** Extremely low (typically < 15 mΩ). This minimizes power loss through heat. * **Saturation Current (Isat):** Very high (often 6A to 10A+). This is the current level where inductance drops by a specific percentage. * **RMS Current (Irms):** High. This is the continuous current the part can handle without exceeding a 40°C temperature rise. * **Shielding:** Magnetically shielded construction to minimize Electromagnetic Interference (EMI). --- ### 3. Key Electronic Functions #### A. Energy Storage In buck or boost converters, the inductor stores energy in its magnetic field during the "ON" cycle of the switching transistor and releases it to the load during the "OFF" cycle. #### B. Ripple Reduction It acts as a low-pass filter, smoothing out the high-frequency switching noise from power supplies to provide a steady DC voltage. #### C. Magnetic Shielding Because the **PRH** series is shielded, the magnetic flux is contained within the ferrite core. This prevents the inductor from interfering with nearby sensitive components on the PCB (like microcontrollers or analog sensors). --- ### 4. Common Applications * **DC-DC Converters:** Point-of-Load (POL) modules for CPUs and GPUs. * **Power Supplies:** Used in laptops, servers, and telecommunications equipment. * **Battery Powered Devices:** High efficiency is required to extend battery life. * **Automotive Electronics:** Infotainment systems and LED lighting drivers. ---
    ✨ Follow-up Questions
    • ⤷ What are the equivalent alternative part numbers for the XFTPRH74-R33M?
    • ⤷ How does the 'Saturation Current' affect its performance in a power circuit?
    • ⤷ What is the recommended PCB footprint for a 74-series SMD inductor?