データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFWICS0603-R18J

  • AI
    The **XFWICS0603-R18J** is a high-frequency Surface Mount Device (SMD) wire-wound chip inductor. These components are primarily used in Radio Frequency (RF) circuits for matching, filtering, and resonance applications. ### 1. Part Number Breakdown Understanding the nomenclature helps identify the physical and electrical characteristics: | Code Segment | Meaning | Description | | :--- | :--- | :--- | | **XF** | Manufacturer Code | Refers to XFMRS (or similar manufacturers) | | **0603** | Case Size | Imperial size (0.06 x 0.03 inches / 1.6 x 0.8 mm) | | **R18** | Inductance Value | **180 nH** (R denotes decimal point; R18 = 0.18 µH) | | **J** | Tolerance | **±5%** | --- ### 2. Technical Specifications Typical characteristics for a 0603-series wire-wound inductor of this value include: * **Inductance:** 180 nH * **Tolerance:** ±5% (Standard for high-precision RF tuning) * **Quality Factor (Q):** Usually high (>25 at 100MHz), which is characteristic of wire-wound inductors compared to multilayer types. * **Self-Resonant Frequency (SRF):** Typically in the range of 800 MHz to 1.2 GHz. * **DC Resistance (DCR):** Max ~1.2 Ω to 2.0 Ω. * **Rated Current:** Usually between 100mA and 300mA. --- ### 3. Key Construction Features The "W" in the series usually indicates a **Wire-wound** construction: 1. **Ceramic Core:** Provides excellent thermal stability and high-frequency performance. 2. **Copper Wire:** Fine copper wire is wound around the core to achieve specific inductance with high Q factors. 3. **Encapsulation:** Often coated with epoxy or a clear resin to protect the windings during the Pick-and-Place assembly process. --- ### 4. Applications This specific part is commonly found in: * **Wireless Communication:** Cell phones, Wi-Fi routers, and Bluetooth modules. * **RF Filters:** Used in Band-pass or Low-pass filters. * **Impedance Matching:** Matching the output of a power amplifier to an antenna. * **VCOs:** Used in Voltage Controlled Oscillators for frequency stability. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a wire-wound and a multilayer inductor?
    • ⤷ How does the Q factor affect RF circuit performance?
    • ⤷ Can I substitute this part with a 0603-R18K part?