データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFWICS0805-R10_

  • AI
    The **XFWICS0805-R10J** is a surface-mount (SMD) wire-wound ceramic chip inductor. These components are primarily used in high-frequency RF (Radio Frequency) circuits due to their excellent Q-factor and stable performance at high frequencies. --- ### 1. Part Number Breakdown While naming conventions vary slightly by manufacturer, the code generally follows this logic: | Component Code | Description | | :--- | :--- | | **XFW** | Manufacturer/Series Identifier (Commonly XFMRS or similar RF series). | | **0805** | Case Size (0.08 x 0.05 inches / 2.0 x 1.25 mm). | | **R10** | Inductance Value (R acts as a decimal: 0.10µH or **100nH**). | | **J** | Tolerance (J = **±5%**). | --- ### 2. Technical Specifications Based on standard 0805 wire-wound inductor characteristics, here are the typical technical parameters for this part: | Parameter | Value (Typical) | | :--- | :--- | | **Inductance** | 100 nH | | **Tolerance** | ±5% | | **Core Material** | Ceramic (allows for high SRF) | | **DC Resistance (DCR)** | ~0.46 Ω (Max) | | **Rated Current** | ~400 mA | | **Self-Resonant Frequency (SRF)** | ~1200 MHz | | **Quality Factor (Q)** | 60 (Min) at 150MHz | --- ### 3. Key Features and Construction * **Wire-Wound Design:** Unlike multilayer inductors, these use a wire wrapped around a ceramic core. This provides significantly lower DC resistance and a much higher **Q-factor**. * **Ceramic Core:** Provides excellent thermal stability and very high SRF, making it suitable for high-frequency applications where magnetic saturation is not an issue. * **0805 Package:** A standard size that balances ease of manufacturing (pick-and-place) with miniaturization requirements. --- ### 4. Common Applications * **RF Matching:** Used in the matching networks of antennas to ensure maximum power transfer. * **Filters:** High-pass, low-pass, and band-pass filters in wireless communication devices. * **Oscillators:** Used in VCOs (Voltage Controlled Oscillators) due to the high Q-factor. * **Decoupling:** Filtering high-frequency noise in RF power supply lines. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between a ceramic core and a ferrite core inductor?
    • ⤷ How does the Q-factor affect RF circuit performance?
    • ⤷ Can I substitute a multilayer 0805 inductor for this wire-wound part?