データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFWICS1210-R68

  • AI
    The **XFWICS1210-R68** is a surface-mount (SMD) wire-wound chip inductor. These components are essential in electronic circuits for energy storage, filtering, and impedance matching. Below is a detailed breakdown of its technical specifications and characteristics. --- ### 1. Technical Specifications The part number follows a standard nomenclature for inductors. Here are the primary parameters: | Parameter | Value / Specification | | :--- | :--- | | **Inductance** | 0.68 µH (indicated by "R68") | | **Package Size** | 1210 (Metric: 3225) | | **Dimensions** | 3.2mm x 2.5mm x 2.2mm | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Construction** | Wire-wound (Ceramic or Ferrite core) | | **Tolerance** | Typically ±5% or ±10% | --- ### 2. Key Components & Construction The XFWICS1210-R68 is built using three main structural elements: 1. **Core Material:** Usually a ceramic core for high-frequency applications or a ferrite core for higher inductance stability. 2. **Wire Coil:** Ultra-fine copper wire is wound around the core. The number of turns determines the 0.68 µH inductance. 3. **Terminations:** The ends of the wire are bonded to metallic pads (usually tin-plated) to allow soldering onto a PCB. --- ### 3. Electrical Characteristics * **Self-Resonant Frequency (SRF):** This part is designed to operate effectively up to a certain frequency range. Beyond the SRF, the inductor begins to behave like a capacitor. * **DC Resistance (DCR):** This represents the internal resistance of the copper wire. A lower DCR is preferred to minimize power loss and heat generation. * **Quality Factor (Q):** High Q-factor indicates low energy loss relative to the energy stored, making it ideal for RF (Radio Frequency) circuits. --- ### 4. Common Applications Due to its 1210 form factor and 0.68 µH value, this inductor is typically found in: * **RF Tuning:** Used in wireless communication modules. * **Signal Filtering:** Helping to remove high-frequency noise from signal lines. * **Decoupling:** Preventing noise from traveling between different sections of a circuit. * **DC-DC Converters:** Small-scale power management in portable electronics.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the XFWICS1210-R68?
    • ⤷ How does the 1210 package size compare to 0805 in terms of performance?
    • ⤷ What are the typical environmental operating temperatures for this inductor?