データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XFWICS1210-R75

  • AI
    The **XFWICS1210-R75** is a high-precision surface-mount device (SMD) power inductor. This component is typically used in power management circuits for energy storage and filtering. Below is a detailed breakdown of its specifications, construction, and applications. --- ### 1. Technical Specifications The part number follows a standard naming convention for passive components. Here are the primary characteristics: | Feature | Specification | | :--- | :--- | | **Component Type** | Power Inductor (Wire-wound) | | **Inductance** | 0.75 µH (Microhenries) | | **Tolerance** | Usually ±20% (Standard for R-series) | | **Package Size** | 1210 (EIA Standard: 3.2mm x 2.5mm) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Core Material** | Ferrite or Composite Powder | ### 2. Physical Characteristics * **1210 Form Factor:** The "1210" designation refers to the physical dimensions. It measures approximately **3.2mm in length** and **2.5mm in width**. * **Construction:** It consists of a copper wire wound around a magnetic core, often encapsulated in a resin or molded case to provide magnetic shielding and structural integrity. * **Terminations:** Features metallic end-caps (solder pads) for direct attachment to a Printed Circuit Board (PCB). ### 3. Key Performance Parameters When utilizing this part in a circuit, engineers focus on three critical ratings: 1. **DCR (DC Resistance):** The internal resistance of the copper winding. Lower DCR is preferred to minimize heat loss ($P = I^2R$). 2. **Isat (Saturation Current):** The current level at which the inductance drops (typically by 20-30%) due to core saturation. 3. **Irms (Rated Current):** The maximum continuous current the part can handle before the temperature rises above a specific threshold (usually 40°C). ### 4. Typical Applications The XFWICS1210-R75 is designed for high-frequency power circuits, including: * **DC-DC Converters:** Used in Buck, Boost, or Buck-Boost regulators to smooth current ripples. * **Voltage Regulator Modules (VRMs):** Common in computing and telecommunications hardware. * **EMI Filtering:** Suppressing high-frequency noise in power lines for consumer electronics. * **Battery Management Systems (BMS):** Efficient energy handling in portable devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the saturation current (Isat) for the XFWICS1210-R75?
    • ⤷ How does a 1210 package size compare to a 0805 size in terms of power handling?
    • ⤷ Can this inductor be used in high-temperature automotive applications?