データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XHS35F-75-R2-FS-XPROGAB

  • AI
    The **XHS35F-75-R2-FS-XPROGAB** is a high-performance, hollow-shaft incremental encoder manufactured by **Sensata | BEI Sensors**. It is specifically designed for heavy-duty industrial environments, such as motor feedback and conveyor systems. --- ## Technical Specifications Table | Feature | Specification | | :--- | :--- | | **Product Series** | XHS35 (Explosion Proof / Heavy Duty) | | **Shaft Type** | 35mm Hollow Shaft (often with reduction collars) | | **Resolution** | Programmable (XPROG) up to 10,000 PPR | | **Output Type** | Multi-voltage (5V to 28V) Line Driver | | **Connection** | Radial Connector or Cable Exit | | **Environmental Rating** | IP65 (Standard) / IP67 (Optional) | | **Certification** | ATEX / IECEx (FS - Functional Safety versions) | --- ## Breakdown of Electronic & Mechanical Components ### 1. The Optical/Electronic Sensing Core The "XPROG" designation indicates that this unit uses a **programmable ASIC**. Unlike traditional encoders with a fixed etched glass disk, this model allows the pulses per revolution (PPR) to be defined electronically. * **Photo-ASIC:** Integrates the photodiode array and signal processing logic on a single chip. * **Interpolation:** The electronics can interpolate signals to provide high resolutions without requiring extremely dense physical markings on the disk. ### 2. Signal Outputs & Logic The encoder utilizes a **Universal Line Driver**. * **Voltage Flexibility:** It can accept a wide supply voltage range (typically 5-28 VDC). * **Differential Signals:** It outputs A, B, and Z (Index) channels along with their complements (/A, /B, /Z). This differential signaling is critical for noise immunity over long cable runs. * **Protection:** The electronics are protected against reverse polarity and short circuits on the output lines. ### 3. Functional Safety (FS) The "FS" in the part number indicates **Functional Safety** components. * **Internal Diagnostics:** The electronics perform self-checks to ensure the integrity of the quadrature signals. * **Safe Speed/Position:** Designed to be used in systems requiring SIL2 / PLd safety ratings, ensuring the encoder doesn't provide false data in a failure state. ### 4. Physical Construction * **Hollow Shaft Design:** Features a 35mm bore designed to mount directly onto a motor shaft, eliminating the need for flexible couplings. * **Dual Bearings:** Uses high-load, widely spaced bearings to handle mechanical vibration and axial/radial loads. * **Sealing:** Uses NBR oil seals to protect the internal electronics from dust and liquid ingress. --- ## Common Applications 1. **Oil & Gas:** Used in draw-works or top drives where explosion-proof ratings are required. 2. **Steel Mills:** High-temperature and high-vibration resistance for roller speed control. 3. **Large Motors:** Direct mounting on AC Vector motors for precise velocity feedback.
    ✨ Follow-up Questions
    • ⤷ How do you program the PPR settings for the XPROG version of this encoder?
    • ⤷ What are the specific wiring pinouts for the R2 connector type?
    • ⤷ What is the maximum mechanical speed (RPM) this encoder can sustain?