データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • XXXMI-R

  • AI
    It appears you are referring to the **Xiaomi Mi-R** series (often associated with Xiaomi’s **Mi Router** lineup). These devices are complex pieces of consumer electronics that integrate networking, processing, and power management components. Below is a breakdown of the primary electronic parts found within these devices. --- ## 1. Core Processing Units The "brain" of the router manages data traffic, encryption, and the user interface. | Component | Function | Typical Manufacturer | | :--- | :--- | :--- | | **Main SoC (CPU)** | Handles system logic and packet routing. | MediaTek, Qualcomm, or Broadcom | | **Wi-Fi Chipset** | Manages 2.4GHz and 5GHz radio frequencies. | MTK (e.g., MT7615) or Qualcomm | | **RAM (DDR3/DDR4)** | Temporary storage for active processes. | Samsung, Micron, or SK Hynix | | **Flash Memory** | Stores the firmware (MiWiFi OS / OpenWrt). | Winbond or Macronix | --- ## 2. Radio Frequency (RF) Frontend These parts are responsible for the physical transmission of wireless signals. * **PA (Power Amplifier):** Boosts the outgoing signal so it can travel through walls and long distances. * **LNA (Low Noise Amplifier):** Increases the sensitivity of the router to "hear" weak signals from distant smartphones or laptops. * **FEM (Front-End Modules):** Integrated chips that often combine the PA and LNA into a single package for efficiency. * **Antennas:** Internal or external PCB/dipole elements tuned to 2.4GHz and 5GHz. --- ## 3. Connectivity & Physical Ports The interface between the wireless environment and wired infrastructure. * **Ethernet Transformer (Magnetics):** Small black blocks located behind the LAN/WAN ports that provide isolation and protect the internal chips from static or surges. * **Gigabit Ethernet Switch:** Often integrated into the main SoC in home models, but separate in high-end "Pro" or "AX" models. * **USB Controller:** Found in models (like the Mi Router 3G) used for external storage or media sharing. --- ## 4. Power Management System Ensures stable voltage to sensitive silicon components. 1. **DC-DC Buck Converters:** Steps down the 12V input from the wall adapter to 3.3V, 1.8V, and 1.1V for the CPU and RAM. 2. **Filter Capacitors:** Electrolytic or Ceramic capacitors used to smooth out electrical noise. 3. **Inductors:** Used in conjunction with converters to store energy and manage current flow. --- ## Example Circuit Architecture (Simplified) ```mermaid graph TD Power[12V DC Input] --> PMIC[Power Management IC] PMIC --> CPU[Main SoC / Processor] CPU --> RAM[Memory] CPU --> Flash[Storage/Firmware] CPU --> Switch[Ethernet Switch] CPU --> RF[RF Frontend / PA + LNA] RF --> Ant[Antennas] ```
    ✨ Follow-up Questions
    • ⤷What are the specific chipsets used in the latest Xiaomi AX series?
    • ⤷ How can I identify a faulty power component on a Mi Router PCB?
    • ⤷ Is it possible to upgrade the RAM or Flash memory on these devices?