データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • Y-AG-R

  • AI
    Based on the designation **Y-AG-R**, this typically refers to a specific series of high-precision, low-profile **Thin Film Chip Resistors**. These components are frequently used in automotive, medical, and industrial electronics where stability and reliability are paramount. Below is a breakdown of the electronic characteristics and specifications associated with this part series. --- ### 1. Key Technical Specifications The "Y-AG-R" series is defined by its thin-film technology, which provides superior performance compared to standard thick-film resistors. | Feature | Description | | :--- | :--- | | **Material Type** | Thin Film (Metal Film) | | **Resistance Tolerance** | Often as low as ±0.05% or ±0.1% | | **TCR (Temp. Coefficient)** | Typically ±5 ppm/°C to ±25 ppm/°C | | **Operating Temperature** | -55°C to +155°C | | **Power Rating** | Varies by size (e.g., 0402, 0603, 0805 packages) | | **Stability** | High long-term stability under harsh environments | --- ### 2. Component Structure Thin film resistors are constructed using a vacuum deposition process. * **Substrate:** High-purity Alumina ($Al_2O_3$) ceramic. * **Resistive Layer:** A thin layer of metal alloy (often NiCr - Nickel Chromium). * **Protection:** Multiple layers of epoxy resin or glass for moisture resistance. * **Terminations:** Lead-free (Sn) over Nickel (Ni) barrier to prevent leaching during soldering. --- ### 3. Part Number Decoding (Typical) While naming conventions vary slightly by manufacturer (such as Susumu or Walsin), the "R" suffix often indicates specific packaging or compliance. 1. **Y-AG:** Represents the series family (High Precision / Sulfur Resistant). 2. **Value Code:** Usually a 3 or 4 digit code (e.g., 1002 = 10k$\Omega$). 3. **Tolerance Code:** (e.g., B = 0.1%, D = 0.5%). 4. **R:** Generally signifies **Tape & Reel** packaging. --- ### 4. Common Applications Due to their low noise and high precision, these parts are found in: * **Automotive ECU:** Control units requiring AEC-Q200 compliance. * **Measurement Equipment:** Multimeters and scales requiring low thermal drift. * **Audio Equipment:** High-fidelity signal paths to minimize harmonic distortion. * **Medical Devices:** Monitoring equipment where accuracy is critical. ---
    ✨ Follow-up Questions
    • ⤷Which manufacturer produces the specific Y-AG-R series you are looking for?
    • ⤷ Are you looking for the power rating specifications for a specific SMD size?
    • ⤷ Do you need help cross-referencing this part with a thick-film alternative?