データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • Y-CONC-R402U-RJ2M-2000-B

  • AI
    The part number **Y-CONC-R402U-RJ2M-2000-B** typically refers to a specialized industrial communication cable assembly, specifically an **Industrial Ethernet (RJ45)** cable, often used in automation and robotics. Below is the technical breakdown of the electronic and mechanical components associated with this part. --- ### Technical Specifications Breakdown | Component Category | Description | |:--- |:--- | | **Connector Type A** | RJ45 (8P8C) with Industrial IP20 or IP67 protection housing | | **Connector Type B** | RJ45 (8P8C) or specialized circular connector (depending on OEM variant) | | **Cable Length** | 2000mm (2 Meters) | | **Wiring Standard** | TIA/EIA-568B or custom industrial pinout | | **Shielding** | S/FTP or SF/UTP (Braided + Foil shielding for EMI protection) | | **Transmission Speed** | Cat5e or Cat6 (Up to 1Gbps) | | **Jacket Material** | PUR (Polyurethane) or PVC - usually oil and abrasion-resistant | --- ### Key Features #### 1. Signal Integrity & Shielding Electronic systems in industrial environments are prone to **Electromagnetic Interference (EMI)**. This cable utilizes: * **Double Shielding:** Prevents signal cross-talk and protects data from high-voltage motor interference. * **Twisted Pair Geometry:** Minimizes noise induction. #### 2. Durability for Motion The "R" and "U" designations in many industrial codes signify suitability for **Robotic (R)** or **Continuous Flex (U)** applications. * **Flex Life:** Designed to withstand millions of bending cycles in cable tracks (drag chains). * **Torsion Resistance:** Capable of handling twisting forces typical in 6-axis robotic arms. #### 3. Connector Construction The RJ2M designation often points to a **Metal-housed RJ45**. * **Gold Plating:** The pins are usually plated with 50 micro-inches of gold to prevent oxidation and ensure low contact resistance. * **Strain Relief:** Overmolded boots prevent the wires from pulling away from the contact pins during movement. --- ### Common Applications * **Programmable Logic Controllers (PLCs):** Connecting CPUs to Remote I/O. * **Vision Systems:** High-speed data transfer from industrial cameras to processing units. * **Servo Drives:** Communication via EtherCAT, PROFINET, or Powerlink. * **Robotic Arms:** Routing signals through the internal harness of a robot. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific environmental ratings (IP65/67) for this cable assembly?
    • ⤷ Is this cable compatible with EtherCAT or PROFINET standards?
    • ⤷ What is the minimum bend radius for the 2000mm version?