データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • Y-CONC-R426M-RJ2L-2000-C

  • AI
    ## Overview of Y-CONC-R426M-RJ2L-2000-C The **Y-CONC-R426M-RJ2L-2000-C** is a specialized industrial-grade cable assembly, typically used in high-reliability automation, telecommunications, or medical equipment. It belongs to the **Y-Con** series (often associated with Yamaichi Electronics), which focuses on ruggedized RJ45 connectivity solutions. --- ### Technical Specifications | Feature | Specification | | :--- | :--- | | **Connector Type A** | RJ45 (Y-Con Jack/Plug) | | **Connector Type B** | RJ45 or Application Specific | | **Cable Length** | 2000mm (2 Meters) | | **Shielding** | S/FTP or SF/UTP (Double Shielded) | | **IP Rating** | Typically IP20 (Optional IP67 with housing) | | **Material** | Industrial Grade PVC or PUR | | **Data Rate** | Up to 100 Mbps (Cat 5) or 1 Gbps (Cat 5e/6) | --- ### Key Electronic Components & Features The "Electronic Parts" of this assembly consist of the integrated components within the connectors and the physical properties of the cable itself: #### 1. The Y-Con RJ45 Connector Unlike standard office RJ45s, this part features: * **Gold-Plated Contacts:** Ensures high signal integrity and prevents corrosion in humid or industrial environments. * **Integrated Power Contacts:** The Y-Con system is unique because it often includes **two additional power contacts** integrated into the RJ45 housing, allowing for power delivery alongside data without traditional PoE overhead. #### 2. Specialized Shielding (EMC Protection) The "2000-C" designation often refers to the specific shielding configuration: * **Braided Shield:** Provides structural strength and low-frequency interference protection. * **Foil Shield:** Protects against high-frequency Electromagnetic Interference (EMI). * **360° Shielding Connection:** The metal shell of the RJ45 is fully bonded to the cable shield to ensure a continuous ground path. #### 3. Industrial Cable Construction * **Stranded Copper Wires:** Designed for flexibility and resistance to vibration, preventing metal fatigue. * **Twisted Pairs:** Precisely twisted to minimize crosstalk (NEXT) between data channels. --- ### Applications This specific part is frequently utilized in: 1. **Industrial Ethernet:** Connecting PLCs to HMIs in noisy electrical environments. 2. **Vision Systems:** High-speed data transfer for industrial cameras. 3. **Fieldbus Systems:** Supporting EtherCAT, PROFINET, or Modbus TCP protocols. --- ### Part Number Breakdown (Typical) * **Y-CON:** Series name (Yamaichi Industrial RJ45). * **R426M:** Specific connector/housing mold configuration. * **RJ2L:** Wiring scheme (likely 2-pair or specific pinout mapping). * **2000:** Cable length in millimeters (2 meters). * **C:** Specific Revision or Shielding Category.
    ✨ Follow-up Questions
    • ⤷ Does this cable support Power over Ethernet (PoE) or the specialized Y-Con power contacts?
    • ⤷ What is the maximum data transfer speed supported by this specific cable model?
    • ⤷ Is there an IP67 rated housing compatible with this R426M connector?