データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • YV-6A-R

  • AI
    The **YV-6A-R** typically refers to a high-performance **Pneumatic Vacuum Valve** (specifically a bellows-sealed high vacuum valve) manufactured by companies like **SMC** or similar vacuum technology providers. While the body of the valve is mechanical, its "electronic parts" generally refer to the control interface and the feedback sensors used to integrate the valve into an automated system. --- ### 1. Key Electronic Components The electronic operation of the YV-6A-R is centered around two main modules: the **Solenoid Pilot Valve** and the **Auto Switches**. | Component | Function | Description | | :--- | :--- | :--- | | **Solenoid Valve** | Actuation Control | Converts an electrical signal (usually 24V DC) into pneumatic pressure to open or close the valve. | | **Auto Switches** | Position Feedback | Magnetic sensors (Reed or Solid State) that detect the physical position of the internal piston. | | **Connector/Lead Wire** | Connectivity | Standard M8, M12, or grommet-style wires used to interface with a PLC or Controller. | --- ### 2. Electrical Specifications Most models in the YV series adhere to the following electrical standards for industrial automation: * **Rated Voltage:** 24V DC (Standard), though 100V AC versions exist for older systems. * **Power Consumption:** Typically low (approx. **0.5W to 1.5W**) to allow for direct PLC output driving. * **Indicator Lights:** Integrated **LEDs** (usually Green for Closed, Red for Open) located on the solenoid or the auto switches for visual troubleshooting. * **Electrical Entry:** Usually available in "Grommet" (direct wire) or "M-Plug" (detachable connector) formats. --- ### 3. Feedback Mechanism (Auto Switches) The "R" in some configurations denotes the inclusion of specific **Reed Switches** or electronic sensors. These are critical for safety and process synchronization. 1. **Detection Method:** A magnet is mounted on the pneumatic piston inside the valve. As the piston moves, it triggers the external sensors. 2. **Output Logic:** Usually offered in **NPN** (Sinking) or **PNP** (Sourcing) to match the control system's logic requirements. 3. **Response Time:** Electronic solid-state switches provide a response time of less than 1ms. --- ### 4. Integration Diagram ```mermaid graph LR A[PLC / Controller] -- 24V DC Signal --> B[Solenoid Valve] B -- Air Pressure --> C[Piston Movement] C -- Magnet Activation --> D[Auto Switches] D -- Feedback Signal --> A ``` --- ### Summary of Benefits * **Automation Ready:** Allows for remote operation via PLC. * **Safety Monitoring:** The electronic feedback ensures the valve is actually open before high-value vacuum processes (like Sputtering or Etching) begin. * **Low Heat Generation:** Modern solenoids for these valves are designed for continuous duty with minimal thermal output.
    ✨ Follow-up Questions
    • ⤷What is the difference between the NPN and PNP wiring for this valve?
    • ⤷ How do I troubleshoot a failing solenoid on the YV-6A-R?
    • ⤷ Can this valve be operated without the electronic auto switches?