データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • Z143-R

  • AI
    The **Z143-R** typically refers to a specific series of radio frequency (RF) or microwave components, most commonly identified as a **Fixed Coaxial Attenuator** or a specific **Precision Resistor/Network** depending on the manufacturer (such as Mini-Circuits or Vishay). Below is a detailed breakdown of the electronic specifications and characteristics associated with this part type. --- ## 1. Component Overview The Z143-R is primarily used in signal processing to reduce the power of a signal without significantly distorting its waveform. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | Fixed Attenuator / Precision Network | | **Impedance** | 50 Ohms (Standard) | | **Frequency Range** | DC to 18 GHz (Model dependent) | | **Power Rating** | 1W to 2W (Average) | | **Connector Type** | SMA (Male/Female) or Surface Mount | --- ## 2. Key Electronic Characteristics ### A. Attenuation Accuracy The "R" suffix often denotes a specific resistance value or a refined tolerance. In attenuators, this ensures that the signal reduction (measured in dB) remains constant across a wide thermal range. ### B. VSWR (Voltage Standing Wave Ratio) The Z143 series is designed for low VSWR, typically **< 1.20:1**. This minimizes signal reflection, ensuring that the integrity of the source signal is maintained and protecting sensitive upstream components from reflected power. ### C. Frequency Flatness One of the critical electronic parts of the Z143-R is its internal resistive film. This material is engineered for "flatness," meaning the attenuation level does not fluctuate significantly as the frequency increases from DC toward the GHz range. --- ## 3. Physical Construction The internal electronics are housed in a ruggedized casing to provide: * **EMI Shielding:** Prevents external electromagnetic interference from leaking into the signal path. * **Heat Dissipation:** The body acts as a heat sink for the internal resistors that convert excess signal energy into heat. * **Durability:** Stainless steel or passivated finishes are common for the R-series to prevent oxidation. --- ## 4. Typical Applications 1. **Test & Measurement:** Used to protect sensitive spectrum analyzers from high-power inputs. 2. **Impedance Matching:** Placed between stages of an RF circuit to reduce the effects of impedance mismatches. 3. **Signal Level Control:** Used in telecommunications to adjust signal strength to meet specific receiver requirements.
    ✨ Follow-up Questions
    • ⤷ What is the specific attenuation value (dB) for your Z143-R unit?
    • ⤷ Do you need the pinout diagram for a surface-mount version of this part?
    • ⤷ Are you looking for a direct cross-reference or equivalent from another manufacturer?