データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • Z1DZ1-R

  • AI
    The **Z1DZ1-R** refers to a specific series of **Surface Mount (SMD) Zener Diodes**. These components are essential in electronic circuits for voltage regulation and circuit protection. ### 1. General Specifications The "Z1DZ1" designation typically corresponds to Zener diodes packaged in small, leadless surface-mount configurations (often **SOD-123** or **MELF** styles depending on the specific manufacturer). | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Zener Diode | | **Power Dissipation ($P_d$)** | Usually 1.0 Watt | | **Mounting Type** | Surface Mount (SMD) | | **Polarity** | Cathode band indicates the negative terminal | | **Suffix "-R"** | Generally indicates "Tape and Reel" packaging for automated assembly | --- ### 2. Key Functional Characteristics A Zener diode like the Z1DZ1 differs from standard diodes because it is designed to operate in the **reverse breakdown region**. * **Voltage Regulation:** It maintains a nearly constant output voltage even when the input voltage or load current varies. * **Voltage Range:** The specific "Z1" series usually comes in various Zener voltages (e.g., 3.3V, 5.1V, 12V, etc.). You must check the specific marking code on the component to determine the exact voltage rating. * **Reverse Current ($I_z$):** Once the "Zener Voltage" is reached, the diode allows current to flow backward through it to prevent the voltage from rising further. --- ### 3. Common Applications These parts are found in almost all modern consumer electronics: 1. **Voltage Clamping:** Protecting sensitive ICs (Integrated Circuits) from voltage spikes or surges. 2. **Reference Voltage:** Providing a stable reference point for analog-to-digital converters or operational amplifiers. 3. **Power Supplies:** Used in simple shunt regulator circuits to stabilize DC output. --- ### 4. Schematic Representation In a circuit diagram, the Zener diode is represented differently than a standard diode to show its regulation capability. ```text Standard Diode: ----|>|---- Zener Diode: ----|Z|---- (The cathode has "bent" ends) ``` ### 5. Summary Table | Feature | Importance | | :--- | :--- | | **Small Footprint** | Saves PCB space in compact devices like smartphones. | | **Thermal Stability** | Designed to handle heat generated during continuous regulation. | | **Fast Response** | Can react quickly to transient over-voltages. |
    ✨ Follow-up Questions
    • ⤷What is the specific Zener voltage for a Z1DZ1 diode?
    • ⤷ How do I identify the cathode on an SMD Zener diode?
    • ⤷ Can a Z1DZ1-R be used as a standard rectifier diode?