データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • Z36-R

  • AI
    The **Z36-R** typically refers to a high-performance, programmable DC power supply (often part of the TDK-Lambda Z+ series) or a specific relay/component variant depending on the industry. Given the context of "electronic parts," this breakdown focuses on the **TDK-Lambda Z36-R Programmable DC Power Supply**, which is the most prominent electronic device with this designation. --- ## 1. Core Technical Specifications The "36" in the model name indicates the maximum voltage output. | Feature | Specification | | :--- | :--- | | **Output Voltage** | 0 - 36V DC | | **Output Current** | 0 - 6A | | **Power Rating** | 216 Watts | | **Interface** | RS-232/RS-485 (Built-in) | | **Form Factor** | 2U Height, Bench or Rack mount | --- ## 2. Key Internal Electronic Components The Z36-R is a sophisticated piece of power electronics. Its internal architecture consists of several critical stages: ### A. Power Factor Correction (PFC) Stage * **Purpose:** Ensures the device draws current from the AC line efficiently and reduces harmonics. * **Components:** High-voltage MOSFETs, power inductors, and specialized PFC controller ICs. ### B. Switching Inverter (DC-DC Converter) * **Function:** Converts high-voltage DC to the regulated 36V output using High-Frequency Switching. * **Key Parts:** * **IGBTs or MOSFETs:** Act as high-speed switches. * **High-Frequency Transformer:** Provides galvanic isolation and steps down voltage. ### C. Control and Feedback Loop * **Microcontroller (MCU):** The "brain" that manages the digital display, user inputs, and communication protocols. * **ADC/DAC:** Analog-to-Digital converters monitor the actual output, while Digital-to-Analog converters set the desired levels. * **Opto-isolators:** Transfer feedback signals across the isolation barrier to ensure safety. --- ## 3. Notable Features of the "R" Suffix In the Z+ series, the "R" or specific model variations often include: 1. **Rear Panel Terminals:** Unlike standard bench models with front jacks, the -R variant typically emphasizes rear-output connections for rack integration. 2. **Remote Programming:** Deep integration with LabVIEW, IVI drivers, and SCPI commands. 3. **Parallel/Series Capability:** Specialized circuitry allows linking multiple units to increase total current or voltage. --- ## 4. Safety and Protection Circuitry The Z36-R includes several discrete electronic parts for circuit protection: * **OVP (Over Voltage Protection):** A "crowbar" circuit or logic-level shutdown. * **Thermal Sensors:** Thermistors mounted on heatsinks to trigger cooling fans or thermal shutdown. * **Smoothing Capacitors:** Large electrolytic capacitors to minimize output ripple and noise. ---
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the voltage output on a Z36-R power supply?
    • ⤷ What are the pinouts for the RS-232/485 serial interface?
    • ⤷ Can the Z36-R be controlled via Ethernet or USB?