データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ZD2.4-CL2-R

  • AI
    The part number **ZD2.4-CL2-R** typically refers to a **Zener Diode**. While specific manufacturer prefixes can vary, the nomenclature follows standard industry conventions for discrete semiconductor components. ### 1. Technical Specifications A Zener diode is designed to allow current to flow backwards when a certain "Zener voltage" is reached. Below are the typical characteristics for this specific model: | Parameter | Value / Description | | :--- | :--- | | **Zener Voltage ($V_z$)** | 2.4V (Nominal) | | **Power Dissipation ($P_d$)** | Typically 200mW to 500mW (depending on package) | | **Package Type** | Surface Mount (often SOD-323 or SOT-23) | | **Configuration** | Single Diode | | **Tolerance** | Usually $\pm$5% | | **RoHS Status** | Compliant (indicated by the -R suffix) | --- ### 2. Part Number Breakdown The alphanumeric code can be decoded as follows: * **ZD**: Stands for **Zener Diode**. * **2.4**: Indicates the **Zener Voltage** (2.4 Volts). This is the threshold where the diode begins to conduct in reverse bias. * **CL2**: Internal manufacturer revision or specific clamping characteristic code. * **R**: Generally stands for **RoHS Compliant** or **Reel** (tape and reel packaging for automated assembly). --- ### 3. Key Functions and Applications Because this diode has a very low Zener voltage (2.4V), it is primarily used in low-voltage logic circuits. #### Typical Use Cases: 1. **Voltage Regulation:** Maintaining a fixed 2.4V reference point in a circuit despite fluctuations in supply voltage. 2. **Overvoltage Protection:** Protecting sensitive IC pins that cannot exceed 2.4V - 3V. 3. **Voltage Level Shifting:** Dropping a signal voltage by a specific amount. 4. **Clamping Circuits:** Limiting the amplitude of a waveform to prevent signal distortion or component damage. --- ### 4. Comparison with Standard Rectifiers Unlike a standard diode (like the 1N4148), which is meant to block reverse current entirely, the **ZD2.4-CL2-R** is engineered to break down at exactly 2.4V without being destroyed, provided the current is limited by a series resistor.
    ✨ Follow-up Questions
    • ⤷ What is the maximum current rating for the ZD2.4-CL2-R?
    • ⤷ Can this diode be used for ESD protection in USB circuits?
    • ⤷ What is the recommended series resistor value for a 5V input?