データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ZD20L-CL2-R

  • AI
    ## Detailed Technical Overview: ZD20L-CL2-R The **ZD20L-CL2-R** is a specific model of a **Miniature Electromagnetic Solenoid Valve**, commonly used in medical equipment, portable blood pressure monitors, and massage devices. It is categorized as a "Normally Closed" (NC) valve, designed for controlling air flow. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Rated Voltage** | DC 6.0V / 12.0V / 24.0V (Variant Dependent) | | **Operating Voltage Range** | DC 4.8V – 7.2V (for 6V model) | | **Rated Current** | ~60mA - 150mA (typical) | | **Type** | 2-Way, 2-Position | | **Functional Mode** | Normally Closed (NC) | | **Pressure Range** | 0 - 350 mmHg (approx. 0-46 kPa) | | **Fluid Medium** | Air / Non-corrosive Gases | | **Life Cycle** | > 30,000 cycles | --- ### 2. Physical and Electronic Design #### **Electromagnetic Coil** The heart of the ZD20L-CL2-R is a copper wire coil wrapped around a plunger assembly. When electrical current flows through the coil, it generates a magnetic field that pulls the internal plunger, opening the valve. #### **Electrical Connection** * **Terminals:** Usually features two solder pins or lead wires. * **Polarity:** In standard DC solenoids, polarity is often interchangeable unless a flyback diode is integrated. However, it is best practice to follow the manufacturer's markings. #### **Pneumatic Interface** * **Inlet/Outlet:** Small barbed ports designed for flexible silicone or PVC tubing (typically 3mm to 4mm inner diameter). --- ### 3. Operational Logic 1. **Power OFF (De-energized):** The internal spring forces the plunger against the valve seat, blocking air flow. The circuit is "Closed." 2. **Power ON (Energized):** The magnetic force overcomes the spring tension, lifting the plunger. Air flows freely between the ports. --- ### 4. Implementation Circuitry When integrating this valve into an electronic system (e.g., using an Arduino or ESP32), the following components are essential: ```cpp // Typical Control Schematic: // [MCU Pin] -> [Resistor] -> [Transistor/MOSFET Gate] // [VCC] -> [Solenoid Valve] -> [Transistor Drain/Collector] -> [GND] ``` * **Switching Element:** Use an N-Channel MOSFET (like the IRFZ44N) or an NPN Transistor (like the TIP120) because the MCU cannot provide enough current. * **Flyback Diode:** **Crucial.** Connect a diode (e.g., 1N4007) in parallel with the valve (cathode to positive) to protect your electronics from inductive voltage spikes when the valve turns off. --- ### 5. Common Applications * **Medical:** Automated blood pressure cuffs (to control deflation). * **Consumer:** Eye massagers or air-cushion massagers. * **DIY:** Small-scale pneumatic robotics or automated plant watering (air-pressure based).
    ✨ Follow-up Questions
    • ⤷ What is the maximum pressure limit for the ZD20L-CL2-R before leaking occurs?
    • ⤷ How do I calculate the exact resistor needed for the transistor base in this circuit?
    • ⤷ Are there Normally Open (NO) versions of this specific solenoid valve?