データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ZD3.3-AE3-R

  • AI
    The **ZD3.3-AE3-R** is a specific surface-mount Zener diode. Based on its nomenclature and common industry standards (often associated with manufacturers like Unisonic Technologies or similar clones), it is designed for voltage regulation and protection in compact electronic circuits. --- ### 1. General Specifications The part number can be decoded to understand its primary electrical characteristics: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Zener Voltage ($V_z$)** | 3.3V | The nominal voltage at which the diode begins to conduct in reverse bias. | | **Package Type** | SOT-23 | A small, 3-pin surface-mount package. | | **Power Dissipation ($P_d$)** | 200mW - 300mW | The maximum power the device can safely dissipate (typical for SOT-23). | | **Configuration** | Single | One Zener diode per package. | | **RoHS Status** | Compliant | Lead-free and environmentally friendly. | --- ### 2. Terminal Configuration In a standard SOT-23 package for a single Zener diode, the pins are usually assigned as follows: 1. **Pin 1:** Anode (or No Connection depending on internal wiring). 2. **Pin 2:** No Connection (NC). 3. **Pin 3:** Cathode. *Note: Always verify the specific datasheet for the manufacturer, as internal wiring in 3-pin packages can vary between "Common Anode," "Common Cathode," or "Single" configurations.* --- ### 3. Key Functions The ZD3.3-AE3-R is primarily used for: * **Voltage Regulation:** Maintaining a fixed 3.3V supply for low-power microcontrollers or sensors. * **Overvoltage Protection:** Acting as a "clamp" to prevent voltage spikes from exceeding 3.3V, protecting sensitive downstream components. * **Voltage Referencing:** Providing a stable reference point for analog-to-digital converters (ADCs). --- ### 4. Typical Circuit Application In a basic shunt regulator circuit, the Zener diode is placed in parallel with the load, preceded by a current-limiting resistor ($R_s$). ```text Input (V_in) ----[ R_s ]----+---- Output (3.3V) | [Zener] (ZD3.3) | Ground ``` --- ### 5. Identification Code (Marking) Because SOT-23 packages are too small for the full part number, the device will typically have a **Marking Code** stamped on the top (e.g., "3V3" or a specific alphanumeric code like "Z1").
    ✨ Follow-up Questions
    • ⤷ What is the maximum current (Izm) this diode can handle before failing?
    • ⤷ How does temperature affect the 3.3V Zener voltage stability?
    • ⤷ What are the common alternatives to the SOT-23 package for this diode?