データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ZLEC06A1B-R

  • AI
    The **ZLEC06A1B-R** is a specific part number belonging to the **ZLEC series** of limit switches, manufactured by **Honeywell**. These devices are rugged, electromechanical switches used to detect the presence, position, or end-of-travel of objects in industrial machinery. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electronic and mechanical characteristics: | Feature | Specification | | :--- | :--- | | **Product Type** | Global Limit Switch (GLS Series derivative) | | **Housing Material** | Plastic (usually glass-filled PBT) | | **Actuator Type** | Side Rotary (Adjustable Roller Lever) | | **Contact Configuration** | 1NC / 1NO (1 Normally Closed / 1 Normally Open) | | **Switching Action** | Snap Action (Rapid movement independent of actuator speed) | | **Terminal Type** | Screw Terminals (typically 0.5" NPT conduit) | --- ### 2. Electronic Components & Internal Mechanics Inside the ZLEC06A1B-R, several electronic and mechanical sub-components work together: 1. **Contact Blocks:** This model uses a SPDT (Single Pole Double Throw) configuration. The "Snap Action" mechanism ensures that when the lever reaches the trip point, the contacts flip instantly to prevent "arcing" (electrical sparks that damage contacts). 2. **Galvanically Isolated Contacts:** The NC and NO contacts are electrically separated, allowing the switch to control two different circuits (e.g., stopping a motor while simultaneously turning on a warning light). 3. **Bifurcated Contacts:** Often gold-plated or silver-alloy, these are designed to maintain high conductivity even at low voltages (logic level) or high industrial currents. --- ### 3. Electrical Ratings The device is rated to handle standard industrial AC and DC loads: * **AC Voltage:** Typically up to 600V (depending on specific regional certifications like UL/CE). * **DC Voltage:** Typically up to 250V. * **Thermal Current ($I_{th}$):** 10 Amps (Standard rating for Honeywell GLC/ZLEC series). * **Dielectric Strength:** 2500V between terminals and ground to prevent short circuits. --- ### 4. Environmental Protection (IP Rating) Electronic parts are protected by a high-durability enclosure: * **IP66/IP67 Rating:** The electronics are completely sealed against dust and can withstand temporary immersion in water. * **NEMA 1, 4, 12, 13:** Suitable for indoor and outdoor use, resistant to oil and coolants. --- ### 5. Application Examples * **Conveyor Systems:** Detecting the arrival of a package. * **Machine Tools:** Ensuring a safety door is closed before operation. * **Material Handling:** Stopping a lift at the correct floor height.
    ✨ Follow-up Questions
    • ⤷ What is the difference between snap action and slow action in this switch?
    • ⤷ Can this switch be used for low-current PLC inputs?
    • ⤷ How do I wire the 1NC/1NO contacts for a safety-stop application?