データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ZMD31035AAF-R

  • AI
    ### ZMD31035AAF-R: Electronic Parts and Specifications The **ZMD31035AAF-R** (often associated with the IDT/Renesas **ZSSC3135** series) is a highly integrated CMOS integrated circuit designed for **Sensor Signal Conditioning (SSC)**. It is primarily used to amplify, digitize, and calibrate the output of resistive bridge sensors (like pressure or strain gauges). --- ### 1. Key Internal Electronic Components The chip functions as a "System on Chip" (SoC) for sensors. Below are its primary internal functional blocks: | Component Block | Function | | :--- | :--- | | **Analog Front-End (AFE)** | Contains a programmable gain amplifier (PGA) to interface with bridge sensors. | | **14-bit ADC** | An Analog-to-Digital Converter that converts sensor signals and internal temperature data. | | **EEPROM** | Non-volatile memory used to store calibration coefficients and configuration data. | | **Digital Core** | A microcontroller-like unit that performs 2nd or 3rd-order polynomial math for compensation. | | **Temperature Sensor** | An internal sensor to track ambient temperature for thermal drift compensation. | | **Output Drivers** | Supports I2C, SPI, or One-Wire Interface (OWI) communication. | --- ### 2. Technical Specifications The "AAF-R" suffix typically refers to the package type (SOP8 or similar) and the delivery format (Tape & Reel). * **Supply Voltage:** Typically operates between **2.7V to 5.5V**. * **Current Consumption:** Very low power, often in the range of **1mA** (active) to **<1µA** (sleep). * **Accuracy:** Total Error Band (TEB) is generally **<0.1%** of full scale after calibration. * **Resolution:** 14-bit ADC resolution provides high sensitivity for small sensor fluctuations. --- ### 3. Application Circuitry To use the ZMD31035AAF-R, a basic external circuit is required. The following Markdown code block illustrates the typical pin-out logic: ```c /* Typical Pin Connection Diagram */ Pin 1: VDDA (Analog Supply Voltage) Pin 2: VSSA (Analog Ground) Pin 3: INP (Positive Bridge Input) Pin 4: INN (Negative Bridge Input) Pin 5: SDA (I2C Data / SPI MISO) Pin 6: SCL (I2C Clock / SPI CLK) Pin 7: EOC (End of Conversion / Interrupt) Pin 8: VDD (Digital Supply Voltage) ``` --- ### 4. Major Features & Benefits 1. **Digital Compensation:** It compensates for offset, sensitivity, and temperature drift automatically using the coefficients stored in its EEPROM. 2. **No External Trimming:** Unlike older analog circuits, you do not need laser-trimmed resistors or potentiometers. 3. **Versatility:** It can be used for pressure sensors, weight scales, and torque sensors. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific steps for calibrating the EEPROM in the ZMD31035?
    • ⤷ How does this chip compare to the ZSSC3015 in terms of power consumption?
    • ⤷ Can this IC support automotive-grade temperature ranges?