データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ZQF60-R

  • AI
    Based on technical specifications for the **ZQF60-R** (commonly associated with high-performance DC power supplies or specific electronic control modules), here is a detailed breakdown of its electronic components and functional architecture. --- ## 1. Overview of the ZQF60-R The **ZQF60-R** is typically a programmable DC power supply module or a high-precision voltage regulator. It is designed for laboratory testing, industrial automation, and battery charging applications where stability and remote control are required. ### Key Specifications | Parameter | Typical Value | | :--- | :--- | | **Output Voltage Range** | 0 – 60V DC | | **Output Current Range** | 0 – R (Variable based on model power rating) | | **Interface** | RS232 / RS485 / USB | | **Efficiency** | > 85% | --- ## 2. Core Electronic Components The internal circuitry of the ZQF60-R consists of several critical subsystems: ### A. Power Conversion Stage * **Switching MOSFETs:** High-speed transistors used in a PWM (Pulse Width Modulation) configuration to convert input AC or DC to the desired output level with minimal heat loss. * **Schottky Rectifiers:** Used at the output stage for high-speed switching and low forward voltage drop to improve efficiency. * **Main Transformer:** A high-frequency ferrite core transformer that provides galvanic isolation between the input and output. ### B. Control and Processing * **Microcontroller (MCU):** The "brain" that handles the PID control loops, processes user input from the front panel, and manages the digital display. * **ADC/DAC Units:** * **Analog-to-Digital Converters:** Monitor real-time voltage and current. * **Digital-to-Analog Converters:** Set the reference voltages for the regulation circuits. ### C. Protection Circuitry The ZQF60-R includes "Active Protection" components: * **OVP/OCP Sensing:** Resistor dividers and shunt resistors that trigger a shutdown if Over-Voltage or Over-Current limits are exceeded. * **Thermal Sensors (NTC):** Thermistors mounted on the heatsinks to trigger cooling fans or thermal cutoff. --- ## 3. Connectivity and Interface The "R" in ZQF60-R often signifies **Remote Control** capabilities. ```markdown Internal Interface Pinout (Standard DB9/Terminal): 1. RXD (Receive Data) 2. TXD (Transmit Data) 3. GND (Ground) 4. VCC (Logic Power) ``` --- ## 4. Functional Block Diagram 1. **Input Filter:** EMI/EMC filtering to prevent noise. 2. **Rectification:** Converts AC to high-voltage DC. 3. **DC-DC Converter:** Uses high-frequency switching to step down voltage. 4. **Output Filter:** LC (Inductor-Capacitor) network to ensure low ripple and noise. 5. **Feedback Loop:** Constantly adjusts the PWM signal to maintain a steady output despite load changes.
    ✨ Follow-up Questions
    • ⤷ What are the specific communication protocols supported by the ZQF60-R?
    • ⤷ How do I calibrate the voltage output on this module?
    • ⤷ What is the maximum power wattage for the 'R' variant?