データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ZSC31150FEC-R

  • AI
    ## Overview of ZSC31150FEC-R The **ZSC31150FEC-R** is a high-precision sensor signal conditioner (SSC) integrated circuit manufactured by Renesas (formerly IDT). It is designed specifically for high-accuracy amplification and analog-to-digital conversion of differential input signals, typically from bridge sensors (like pressure, strain, or torque sensors). --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Input Channels** | Differential Bridge Sensor Input | | **ADC Resolution** | Up to 16-bit | | **Supply Voltage** | 4.5V to 5.5V (Standard) / up to 40V with external components | | **Operating Temperature** | -40°C to +150°C (Automotive Grade) | | **Output Interfaces** | Analog (0-5V), I2C, One-Wire Interface (OWI) | | **Package Type** | SSOP-14 | --- ### Main Electronic Components & Functionality #### 1. Analog Front-End (AFE) The AFE consists of a programmable gain amplifier (PGA). It allows the chip to interface with sensors that have very low output signals (milli-volts), boosting the signal before it reaches the converter. #### 2. Analog-to-Digital Converter (ADC) It utilizes a high-resolution ADC to convert the amplified bridge signal into a digital format. It also features a secondary channel to measure internal or external temperature for compensation. #### 3. Digital Signal Processor (DSP) The internal DSP performs real-time mathematical corrections. It applies a correction algorithm to compensate for: * **Offset:** Zero-point errors. * **Gain:** Sensitivity errors. * **Temperature Drift:** Adjusting the signal based on the ambient temperature. #### 4. EEPROM Memory The device includes non-volatile memory (EEPROM) used to store calibration coefficients. Once calibrated during production, the ZSC31150 operates autonomously without needing external software to calculate corrections. --- ### Application Circuitry Requirements To implement the ZSC31150FEC-R in a design, the following external components are usually required: * **Filter Capacitors:** Decoupling capacitors (typically 100nF) on the VDD and VDDA pins to minimize power supply noise. * **Bridge Resistors:** Connection to a Wheatstone bridge sensor. * **Pull-up Resistors:** Necessary if using the I2C communication interface. * **Protection Diodes:** Often used in automotive environments to protect against overvoltage or reverse polarity. --- ### Common Use Cases 1. **Automotive Pressure Sensing:** Oil, fuel, and brake fluid pressure monitoring. 2. **Industrial Controls:** 4-20mA transmitter modules and industrial scales. 3. **Medical Devices:** High-precision blood pressure monitoring or respiratory equipment.
    ✨ Follow-up Questions
    • ⤷ What are the steps for calibrating the EEPROM in the ZSC31150?
    • ⤷ How does the ZSC31150 handle overvoltage protection in automotive circuits?
    • ⤷ What is the difference between the FEC-R and other variants in the ZSC31150 series?