データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ZWS150BAF-12/CO2

  • AI
    The **ZWS150BAF-12/CO2** is a specific variant of the ZWS-BAF series manufactured by TDK-Lambda. It is a 150W, high-reliability, open-frame AC-DC power supply designed primarily for industrial applications. Below is a detailed breakdown of its electronic characteristics and specific component configurations. --- ### 1. General Specifications The primary function of this part is to convert high-voltage AC input into a stabilized 12V DC output. | Parameter | Specification | | :--- | :--- | | **Output Voltage** | 12V DC | | **Output Current** | 12.5A | | **Max Power** | 150W | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Efficiency** | ~88% at 200VAC | | **Cooling** | Convection Cooled | --- ### 2. Suffix Meaning: "/CO2" The suffix in the part number indicates a specific factory modification regarding the protection of internal components: * **CO2:** This stands for **Conformal Coating** on both sides of the Printed Circuit Board (PCB). * **Purpose:** The coating (usually an acrylic or silicone-based resin) protects the electronic parts from dust, moisture, and chemical contaminants. It prevents short circuits caused by environmental humidity or conductive particles. --- ### 3. Key Electronic Subsystems The ZWS150BAF architecture consists of several critical electronic stages: #### A. Input & Protection Stage * **Active PFC (Power Factor Correction):** Includes an integrated circuit and a boost inductor to ensure the power factor is >0.9, meeting harmonic current standards (IEC61000-3-2). * **EMI Filter:** A network of X/Y capacitors and common-mode chokes to suppress electromagnetic interference. * **Inrush Current Limiter:** Uses a thermistor or relay circuit to prevent a massive current spike when the unit is first plugged in. #### B. Conversion Stage * **Switching MOSFETs:** High-speed transistors that chop the DC voltage into high-frequency pulses. * **Main Transformer:** Provides galvanic isolation between the AC line and the DC output while stepping down the voltage. #### C. Secondary Stage (Rectification & Filtering) * **Schottky Diodes/Synchronous Rectifiers:** These convert the high-frequency AC from the transformer back into DC. * **Low ESR Electrolytic Capacitors:** These smooth the output ripples. In the BAF series, these are typically high-grade capacitors rated for long life (up to 10 years depending on load). --- ### 4. Safety and Control Features The internal circuitry includes several protection ICs to monitor the state of the electronic parts: 1. **Over Current Protection (OCP):** Automatically limits output if the current exceeds ~105% of its rating. 2. **Over Voltage Protection (OVP):** Shuts down the unit if the output voltage spikes (usually trips around 13.8V - 16.8V). 3. **Thermal Protection:** Internal sensors monitor heat sink temperatures to prevent component failure due to overheating. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between the standard ZWS150BAF and the /CO2 version regarding warranty?
    • ⤷ Can this power supply be used in high-vibration environments?
    • ⤷ What is the typical MTBF (Mean Time Between Failures) for this electronic part?