データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

  • ZWS150BAF-15/CO2

  • AI
    The **ZWS150BAF-15/CO2** is a professional-grade, open-frame AC-DC switching power supply manufactured by TDK-Lambda. This specific model belongs to the ZWS-BAF series, known for its high reliability and compact design. --- ### 1. Key Technical Specifications The model name provides specific details about its electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Input Voltage Range** | 85 - 265 VAC (Universal Input) | | **Output Voltage** | 15V DC | | **Output Current** | 10A (Total 150W Power) | | **Efficiency** | Typically 85% - 90% | | **Cooling** | Convection cooling (no fans required) | | **Suffix /CO2** | Denotes **Coating** (PCB is coated for humidity/dust protection) | --- ### 2. Major Electronic Components & Architecture The circuitry of the ZWS150BAF-15 is divided into several critical stages: #### A. Input Stage (EMI & Rectification) * **EMI Filter:** Includes X and Y capacitors and common-mode chokes to suppress electromagnetic interference. * **Bridge Rectifier:** Converts the AC input into high-voltage DC. * **PFC (Power Factor Correction):** This series features **Active PFC**, which ensures the power factor is near 0.9 - 0.99, reducing harmonic distortion and improving energy efficiency. #### B. Switching Stage * **Power MOSFETs:** Used as high-speed switches to chop the DC voltage into high-frequency pulses. * **PWM Controller IC:** Regulates the duty cycle of the MOSFETs to maintain a stable 15V output regardless of load changes. #### C. Transformer & Secondary Stage * **High-Frequency Transformer:** Provides galvanic isolation between the primary (high voltage) and secondary (low voltage) sides. * **Schottky Rectifier Diodes:** Converts the high-frequency AC from the transformer back into DC. * **Output Filter (LC Circuit):** Uses low-ESR electrolytic capacitors and inductors to minimize voltage ripple and noise. --- ### 3. Protection Features The internal electronics are designed to protect both the power supply and the connected load: 1. **Overcurrent Protection (OCP):** Automatically limits output if the current exceeds ~105% of its rating. 2. **Overvoltage Protection (OVP):** Shuts down the unit if the output voltage rises above a safe threshold (approx. 115-135%). 3. **Thermal Protection:** Sensors monitor component heat; the unit reduces power or shuts down if it exceeds safe operating temperatures. --- ### 4. Meaning of the "/CO2" Suffix In TDK-Lambda nomenclature, the **CO2** suffix indicates that the Printed Circuit Board (PCB) has a **conformal coating**. * **Electronic benefit:** This coating protects the copper traces and solder joints from moisture, fungus, and atmospheric pollutants, making it suitable for industrial environments where humidity or dust might otherwise cause short circuits.
    ✨ Follow-up Questions
    • ⤷ What are the differences between the ZWS150BAF and the newer ZWS-BP series?
    • ⤷ Can the 15V output voltage be adjusted manually?
    • ⤷ What is the MTBF (Mean Time Between Failures) for this specific model?