データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LP6303 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about LP6303 Datasheet

  • # Example questions: ➢ How does the lp6303 operate when the output current is below 170ma (vout = 2v)?
    ➢ What should be avoided when routing the feedback path (from voutx to fbx) in the pcb layout to minimize noise?
    ➢ What is the recommended pcb layer count for optimal performance with the lp6303?

  • Part No.LP6303
    ManufacturerPOWER
    Size990 Kbytes
    Pages11 pages
    DescriptionBuck 2A, 3-Channel Power Management IC
    Datasheet Summary with AI

    ## Summary of the LP6303 Datasheet

    This document is a datasheet for the LP6303, a quad 2A synchronous buck regulator designed for power management in applications like IPC and OTT devices. Here's a breakdown of the key information:

    Key Features:

    ️· Four 2A Synchronous Buck Regulators: Provides multiple voltage rails from a single input.
    ️· PFM/PWM Operation: Automatically switches between Pulse Frequency Modulation (PFM) for light loads (higher efficiency) and Pulse Width Modulation (PWM) for heavier loads.
    ️· Enable Control: Each regulator has an enable pin for individual control.
    ️· Protection Features: Includes cycle-by-cycle current limit and over-temperature shutdown.
    ️· Compact Package: Available in a 4x4 QFN package.

    Core Specifications:

    ️· Input Voltage: (Not explicitly stated but implied to be around 5V - based on examples)
    ️· Output Current: Up to 2A per regulator.
    ️· Switching Frequency: 1-2 MHz
    ️· Output Voltage: Adjustable via external resistor divider (examples provided for 1.1V, 1.5V, 1.8V, 3.3V)
    ️· Efficiency: Not explicitly stated, but the combination of synchronous rectification and PFM/PWM operation suggests high efficiency.

    Important Design Considerations:

    ️· PCB Layout is Critical: The datasheet stresses the importance of a well-designed PCB layout, with specific recommendations for grounding, power planes, and trace routing.
    ️· Output Inductor Selection: Guidance is given on selecting appropriate inductors based on desired ripple current.
    ️· Output Voltage Setting: Formulas and examples are provided for calculating the resistor divider values to set the output voltage.
    ️· Thermal Management: The over-temperature protection feature highlights the importance of considering thermal design.

    Applications:

    ️· IPC (Industrial PC)
    ️· OTT (Over-The-Top) devices
    ️· Portable Electronics
    ️· General Power Management



    In essence, the LP6303 is a versatile and efficient power management solution for applications requiring multiple regulated voltage rails. The datasheet provides sufficient information for designers to implement and optimize the IC in their designs, with a strong emphasis on PCB layout and component selection.

    ## Summary of the LP6303 Datasheet

    This document is a datasheet for the LP6303, a quad 2A synchronous buck regulator designed for power management in applications like IPC and OTT devices. Here's a breakdown of the key information:

    Key Features:

    ️· Four 2A Synchronous Buck Regulators: Provides multiple voltage rails from a single input.
    ️· PFM/PWM Operation: Automatically switches between Pulse Frequency Modulation (PFM) for light loads (higher efficiency) and Pulse Width Modulation (PWM) for heavier loads.
    ️· Enable Control: Each regulator has an enable pin for individual control.
    ️· Protection Features: Includes cycle-by-cycle current limit and over-temperature shutdown.
    ️· Compact Package: Available in a 4x4 QFN package.

    Core Specifications:

    ️· Input Voltage: (Not explicitly stated but implied to be around 5V - based on examples)
    ️· Output Current: Up to 2A per regulator.
    ️· Switching Frequency: 1-2 MHz
    ️· Output Voltage: Adjustable via external resistor divider (examples provided for 1.1V, 1.5V, 1.8V, 3.3V)
    ️· Efficiency: Not explicitly stated, but the combination of synchronous rectification and PFM/PWM operation suggests high efficiency.

    Important Design Considerations:

    ️· PCB Layout is Critical: The datasheet stresses the importance of a well-designed PCB layout, with specific recommendations for grounding, power planes, and trace routing.
    ️· Output Inductor Selection: Guidance is given on selecting appropriate inductors based on desired ripple current.
    ️· Output Voltage Setting: Formulas and examples are provided for calculating the resistor divider values to set the output voltage.
    ️· Thermal Management: The over-temperature protection feature highlights the importance of considering thermal design.

    Applications:

    ️· IPC (Industrial PC)
    ️· OTT (Over-The-Top) devices
    ️· Portable Electronics
    ️· General Power Management



    In essence, the LP6303 is a versatile and efficient power management solution for applications requiring multiple regulated voltage rails. The datasheet provides sufficient information for designers to implement and optimize the IC in their designs, with a strong emphasis on PCB layout and component selection.

    Part No.LP6303
    ManufacturerPOWER
    Size990 Kbytes
    Pages11 pages
    DescriptionBuck 2A, 3-Channel Power Management IC