データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CY2CC910OC Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CY2CC910OC Datasheet

  • # Example questions: ➢ What is the typical operating temperature range for the cy2cc910si version of the device?
    ➢ What is the load capacitance (cl) used for testing?
    ➢ What is the difference between the cy2cc910sct and cy2cc910sc versions in terms of operating temperature?

  • Part No.CY2CC910OC
    ManufacturerCYPRESS
    Size133 Kbytes
    Pages8 pages
    Description1:10 Clock Fanout Buffer
    Datasheet Summary with AI

    1. Device Overview:

    ️· Part Number: CY2CC910
    ️· Series: COMLINK
    ️· Function: It appears to be a high-speed interface device, likely a driver/receiver or a buffer, judging by the timing specifications and waveforms. It is designed for reliable data transmission.
    ️· Operating Temperatures: Industrial (-40°C to 85°C) and Commercial (0°C to 70°C) versions are available.

    2. Key Electrical Characteristics & Timing:

    ️· Supply Voltages: 1.8V, 2.5V and 3V operation is supported. This indicates flexibility in system design.
    ️· Propagation Delay (tpd): This is a core metric. The datasheet provides timings for 1.8V, 2.5V, and 3.3V operating voltages. Propagation delay refers to the time it takes for a signal to pass through the device.
    ️· Pulse Skew (tsk): This is the difference in propagation delay between different output channels. It’s critical for maintaining data integrity in multi-channel systems. Two types are specified: tsk(p) and tsk(0).
    ️· Package Skew (tsk(t)): This relates to the differences in timing between devices packaged differently.

    3. Load Capacitance & Test Conditions:

    ️· Load Capacitance (CL): Different load capacitors are used in the tests:
    - 50 pF + 500 Ohm (for 3.3V testing)
    - 3 pF + 500 Ohm (for Point-to-Point Load Circuit)
    - 6 pF + 500 Ohm (for 1.8V testing)
    ️· Input Pulse Characteristics: The input pulses used for testing have specific characteristics: PRR < 100 MHz, Z0 = 50Ω, tR < 2.5 ns, tF < 2.5 ns.

    4. Package Options & Ordering Information:

    Part Number Package Type Product Flow
    CY2CC910SI 20-pin SOIC Industrial, –40° to 85°C
    CY2CC910SIT 20-pin SOIC–Tape and Reel Industrial, –40° to 85°C
    CY2CC910OI 20-pin SSOP Industrial, –40° to 85°C
    CY2CC910OIT 20-pin SSOP–Tape and Reel Industrial, –40° to 85°C
    CY2CC910SC 20-pin SOIC Commercial, 0°C to 70°C
    CY2CC910SCT 20-pin SOIC–Tape and Reel Commercial, 0°C to 70°C
    CY2CC910OC 20-pin SSOP Commercial, 0°C to 70°C
    CY2CC910OCT 20-pin SSOP–Tape and Reel Commercial, 0°C to 70°C



    5. Figures and Diagrams:

    ️· Figure 7: Propagation Delay Waveforms
    ️· Figure 8: Pulse Duration Waveforms
    ️· Figure 9: Pulse Skew (tsk(p))
    ️· Figure 3: Voltage Waveforms Propagation Delay Times
    ️· Figure 4: Point-to-Point Load Circuit
    ️· Figure 10: Output Skew - tsk(0)
    ️· Figure 11: Package Skew - tsk(t)
    ️· Figure 5: Voltage Waveforms – Pulse Duration

    6. Key Considerations for Design:

    ️· Signal Integrity: Due to its high-speed nature, careful attention must be paid to signal integrity concerns such as reflections, crosstalk, and ground bounce.
    ️· Load Requirements: The specified load capacitance (CL) must be accurately assessed in the system design.
    ️· Skew Mitigation: Techniques to minimize pulse skew (tsk) may be needed in critical applications.
    ️· Voltage Selection: The supply voltage selected must be carefully evaluated for appropriate speed and system power requirements.

    1. Device Overview:

    ️· Part Number: CY2CC910
    ️· Series: COMLINK
    ️· Function: It appears to be a high-speed interface device, likely a driver/receiver or a buffer, judging by the timing specifications and waveforms. It is designed for reliable data transmission.
    ️· Operating Temperatures: Industrial (-40°C to 85°C) and Commercial (0°C to 70°C) versions are available.

    2. Key Electrical Characteristics & Timing:

    ️· Supply Voltages: 1.8V, 2.5V and 3V operation is supported. This indicates flexibility in system design.
    ️· Propagation Delay (tpd): This is a core metric. The datasheet provides timings for 1.8V, 2.5V, and 3.3V operating voltages. Propagation delay refers to the time it takes for a signal to pass through the device.
    ️· Pulse Skew (tsk): This is the difference in propagation delay between different output channels. It’s critical for maintaining data integrity in multi-channel systems. Two types are specified: tsk(p) and tsk(0).
    ️· Package Skew (tsk(t)): This relates to the differences in timing between devices packaged differently.

    3. Load Capacitance & Test Conditions:

    ️· Load Capacitance (CL): Different load capacitors are used in the tests:
    - 50 pF + 500 Ohm (for 3.3V testing)
    - 3 pF + 500 Ohm (for Point-to-Point Load Circuit)
    - 6 pF + 500 Ohm (for 1.8V testing)
    ️· Input Pulse Characteristics: The input pulses used for testing have specific characteristics: PRR < 100 MHz, Z0 = 50Ω, tR < 2.5 ns, tF < 2.5 ns.

    4. Package Options & Ordering Information:

    Part Number Package Type Product Flow
    CY2CC910SI 20-pin SOIC Industrial, –40° to 85°C
    CY2CC910SIT 20-pin SOIC–Tape and Reel Industrial, –40° to 85°C
    CY2CC910OI 20-pin SSOP Industrial, –40° to 85°C
    CY2CC910OIT 20-pin SSOP–Tape and Reel Industrial, –40° to 85°C
    CY2CC910SC 20-pin SOIC Commercial, 0°C to 70°C
    CY2CC910SCT 20-pin SOIC–Tape and Reel Commercial, 0°C to 70°C
    CY2CC910OC 20-pin SSOP Commercial, 0°C to 70°C
    CY2CC910OCT 20-pin SSOP–Tape and Reel Commercial, 0°C to 70°C



    5. Figures and Diagrams:

    ️· Figure 7: Propagation Delay Waveforms
    ️· Figure 8: Pulse Duration Waveforms
    ️· Figure 9: Pulse Skew (tsk(p))
    ️· Figure 3: Voltage Waveforms Propagation Delay Times
    ️· Figure 4: Point-to-Point Load Circuit
    ️· Figure 10: Output Skew - tsk(0)
    ️· Figure 11: Package Skew - tsk(t)
    ️· Figure 5: Voltage Waveforms – Pulse Duration

    6. Key Considerations for Design:

    ️· Signal Integrity: Due to its high-speed nature, careful attention must be paid to signal integrity concerns such as reflections, crosstalk, and ground bounce.
    ️· Load Requirements: The specified load capacitance (CL) must be accurately assessed in the system design.
    ️· Skew Mitigation: Techniques to minimize pulse skew (tsk) may be needed in critical applications.
    ️· Voltage Selection: The supply voltage selected must be carefully evaluated for appropriate speed and system power requirements.

    Part No.CY2CC910OC
    ManufacturerCYPRESS
    Size133 Kbytes
    Pages8 pages
    Description1:10 Clock Fanout Buffer